Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 44 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 39Page - STMicroelectronics A6984 Datasheet HTML 40Page - STMicroelectronics A6984 Datasheet HTML 41Page - STMicroelectronics A6984 Datasheet HTML 42Page - STMicroelectronics A6984 Datasheet HTML 43Page - STMicroelectronics A6984 Datasheet HTML 44Page - STMicroelectronics A6984 Datasheet HTML 45Page - STMicroelectronics A6984 Datasheet HTML 46Page - STMicroelectronics A6984 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Package information
A6984
44/47
DocID030396 Rev 1
Table 10. VFDFPN10 4 x 4 x 1.0 mm package mechanical data(1), (2), (3)
1.
All dimensions are in mm, angles in degrees.
2.
Coplanarity applies to the exposed pad as well as the terminals. Coplanarity shall not exceed 0.08 mm.
3.
Warpage shall not exceed 0.10 mm.
Symbol
Dimensions (mm)
Min.
Nom.
Max.
A
0.80
0.85
0.90
A1
0.0
-
0.05
A3
0.20 REF.
b
0.20
0.25
0.30
D
3.90
4.00
4.10
D2
3.00
3.10
3.20
e
0.50 BSC
E
3.90
4.00
4.10
E2
2.15
2.25
2.35
F0.55 REF.
G
0.50 BSC
H0.25 REF.
L
0.30
0.40
0.50
L1
0.45 REF.
K
0.475 REF.
N
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com