Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 22 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 18Page - STMicroelectronics A6984 Datasheet HTML 19Page - STMicroelectronics A6984 Datasheet HTML 20Page - STMicroelectronics A6984 Datasheet HTML 21Page - STMicroelectronics A6984 Datasheet HTML 22Page - STMicroelectronics A6984 Datasheet HTML 23Page - STMicroelectronics A6984 Datasheet HTML 24Page - STMicroelectronics A6984 Datasheet HTML 25Page - STMicroelectronics A6984 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Device description
A6984
22/47
DocID030396 Rev 1
The switching activity drives the inductor voltage so the small signal transfer function can be
calculated as:
Equation 10
Equation 10 can be simplified as follows:
Equation 11
The pole splitting is guaranteed by the condition:
Equation 12
In case:
Equation 13
Equation 10 can be simplified as:
Equation 14
which represents the virtual ESR of the network in Figure 14.
H(s)
vFB(s)
iL(s)
-------------------
s L
DCR
+

R
COT
1
sC
COT
1
1
sC
DC
---------------------
1
1
R
2
-------
1
R
3
-------
+
----------------------
+
--------------------------------------------------
+
-----------------------------------------------------------------------------------
+
-----------------------------------------------------------------------------------------------------------
1
sC
COT
1
1
sC
DC
---------------------
1
1
R
2
-------
1
R
3
-------
+
----------------------
+
--------------------------------------------------
+
-----------------------------------------------------------------------------------
1
1
R
2
-------
1
R
3
-------
+
----------------------
1
sC
DC
---------------------
1
1
R
2
-------
1
R
3
-------
+
----------------------
+
--------------------------------------------------

==
H(s)
vFB(s)
iL(s)
------------------
s L
DCR
+
 s
1s
R
COT
1
1
R
2
-------
1
R
3
-------
+
---------------------
+





C
DC

+
1s
1
1
R
2
-------
1
R
3
-------
1
R
COT
---------------
++
------------------------------------------





C
COT

+
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
C
DC
1
R
2
-------
1
R
3
-------
+
---------------------
==
C
DC
10 C
COT
R
COT
10
1
R
2
-------
1
R
3
-------
+
f
z
1
2
-----------
L
DCR
-------------
=
fsw
«
f
PL
1
2
 R
COT
1
1
R
2
-------
1
R
3
-------
+
---------------------
+
C
DC

--------------------------------------------------------------------------
=
fsw
«
f
PH
1
2
1
1
R
2
-------
1
R
3
-------
1
R
COT
---------------
++
------------------------------------------





C
COT

-----------------------------------------------------------------------------------
fsw
«
=
ESR
VRT
H(s)
s2
 fsw


vFB(s)
iL(s)
------------------


s2
 fsw


L
R
COT
C
COT
----------------------------------
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com