Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 17 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 13Page - STMicroelectronics A6984 Datasheet HTML 14Page - STMicroelectronics A6984 Datasheet HTML 15Page - STMicroelectronics A6984 Datasheet HTML 16Page - STMicroelectronics A6984 Datasheet HTML 17Page - STMicroelectronics A6984 Datasheet HTML 18Page - STMicroelectronics A6984 Datasheet HTML 19Page - STMicroelectronics A6984 Datasheet HTML 20Page - STMicroelectronics A6984 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
DocID030396 Rev 1
17/47
A6984
Device description
47
As a consequence the switching frequency slightly depends on the conversion losses:
Equation 7
where DREAL is the real duty cycle accounting conduction losses:
Equation 8
RON_HS and RON_LS represent the RDSON value of the embedded power elements (see
Table 5 on page 7) and DCR the equivalent series resistor of the selected inductor.
Finally from Equation 7 and Equation 8:
Equation 9
where fSW is the desired switching frequency at a certain IOUT load current level.
Figure 8 shows the estimated fSW variation over the load range assuming the typical
RDSON of the power elements, DCR = 420 m
 (see Section 6 on page 39 for details on the
selected inductor for the reference application board.) and RTON = 1 M.
f
SW IOUT

D
REAL IOUT

T
ON
----------------------------------
=
D
REAL IOUT

V
OUT
R
ON_LS
DCR
+
 I
OUT
+
V
IN
R
ON_LS
R
ON_HS
–
 I
OUT
+
------------------------------------------------------------------------------------
=
R
TON
1
0.9
--------
V
IN
D
REAL IOUT
*

f
SW
C
TON
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com