Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 31 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 27Page - STMicroelectronics A6984 Datasheet HTML 28Page - STMicroelectronics A6984 Datasheet HTML 29Page - STMicroelectronics A6984 Datasheet HTML 30Page - STMicroelectronics A6984 Datasheet HTML 31Page - STMicroelectronics A6984 Datasheet HTML 32Page - STMicroelectronics A6984 Datasheet HTML 33Page - STMicroelectronics A6984 Datasheet HTML 34Page - STMicroelectronics A6984 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
DocID030396 Rev 1
31/47
A6984
Device description
47
4.6
Switchover feature
The switchover maximizes the efficiency at the light load that is crucial for LCM applications.
The main switching controller is supplied by the VCC pin regulator
An integrated LDO regulates VCC = 3.3 V if VBIAS voltage is < 2.4 V.
VCC is connected to VBIAS through a MOSFET switch if VBIAS > 3.2 V and the embedded
LDO is disabled to increase the light load efficiency.
4.6.1
LCM
LCM operation satisfies the requirements of battery-powered applications where it is crucial
to increase efficiency at the light load.
In order to minimize the regulator quiescent current request from the input voltage, the
VBIAS pin can be connected to an external voltage source in the range 3 V < VBIAS < 5.5 V.
In case the VBIAS pin is connected to the regulated output voltage (VOUT), the total current
drawn from the input voltage can be calculated as:
Equation 23
where IQ OP VIN, IQ OP VBIAS are defined in Table 5: Electrical characteristics on page 7 and
A6984 is the efficiency of the conversion in the working point.
4.6.2
LNM
Equation 23 is also valid when the device works in LNM and it can boost the efficiency at
medium load since the regulator always operates in continuous conduction mode.
4.7
Overcurrent protection
The current protection circuitry features a constant current protection, so the device limits
the maximum current (see Table 5: Electrical characteristics on page 7) in overcurrent
condition.
The low-side switch pulse-by-pulse current sensing, called “valley”, implements the constant
current protection. In overcurrent condition the internal logic keeps the low-side switch
conducting as long as the switch current is higher than the valley current threshold.
As a consequence, the maximum DC output current is:
Equation 24
I
Q VIN
I
Q OP VIN
1
A6984
-----------------
V
BIAS
V
IN
-------------- IQ OP VBIAS

+
=
I
MAX
I
VALLEY_TH
I
RIPPLE
2
--------------------
+
I
VALLEY_TH
V
IN
V
OUT
–
L
------------------------------ TON
+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com