Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6984 Datasheet(PDF) 35 Page - STMicroelectronics

Part # A6984
Description  36 V, 400 mA automotive synchronous step-down switching regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6984 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button A6984 Datasheet HTML 31Page - STMicroelectronics A6984 Datasheet HTML 32Page - STMicroelectronics A6984 Datasheet HTML 33Page - STMicroelectronics A6984 Datasheet HTML 34Page - STMicroelectronics A6984 Datasheet HTML 35Page - STMicroelectronics A6984 Datasheet HTML 36Page - STMicroelectronics A6984 Datasheet HTML 37Page - STMicroelectronics A6984 Datasheet HTML 38Page - STMicroelectronics A6984 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
DocID030396 Rev 1
35/47
A6984
Design of the power components
47
5
Design of the power components
5.1
Input capacitor selection
The input capacitor voltage rating must be higher than the maximum input operating voltage
of the application. During the switching activity a pulsed current flows into the input capacitor
and so its RMS current capability must be selected accordingly with the application
conditions. Internal losses of the input filter depend on the ESR value, so usually low ESR
capacitors (like multilayer ceramic capacitors) have a higher RMS current capability. On the
other hand, given the RMS current value, lower ESR input filter has lower losses and so
contributes to higher conversion efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 25
Where IO is the maximum DC output current, D is the duty cycles, is the efficiency. This
function has a maximum at D = 0.5 and, considering
= 1, it is equal to I
O/2.
In a specific application the range of possible duty cycles has to be considered in order to
find out the maximum RMS input current. The maximum and minimum duty cycles can be
calculated as:
Equation 26
and
Equation 27
Where
V
HIGH_SIDE and VLOW_SIDE are the voltage drops across the embedded switches.
The peak-to-peak voltage across the input filter can be calculated as:
Equation 28
In case of negligible ESR (MLCC capacitor) the equation of CIN as a function of the target
VPP can be written as follows:
Equation 29
I
RMS
I
O
D
2D
2
---------------
–
D
2
2
-------
+
=
D
MAX
V
OUT
V
LOW_SIDE
+
V
INMIN
V
LOW_SIDE
V
HIGH_SIDE
–
+
--------------------------------------------------------------------------------------------------
=
D
MIN
V
OUT
V
LOW_SIDE
+
V
INMAX
V
LOW_SIDE
V
HIGH_SIDE
–
+
----------------------------------------------------------------------------------------------------
=
V
PP
I
O
C
IN
f
SW
-----------------------
1
D
----
–


D
D
----
1D
–

+
ESR I
O
+
=
C
IN
I
O
V
PP
f
SW
-------------------------
1
D
----
–


D
D
----
1D
–

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com