Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 112Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 113Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 114Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 115Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 116Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 117Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 118Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 119Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 221 page
background image
116
www.national.com
00 - Drive 0 is selected.
01 - Drive 1 is selected.
10 - If four drives are supported, or drives 2 and 0
are exchanged, drive 2 is selected.
11 - If four drives are supported, drive 3 is select-
ed.
Bit 2 - Most Significant Byte (MSB)
This bit, together with bits 1,0, determines the byte
to read or write. See also Table 57.
0 - Least significant byte of the track number.
1 - Most significant byte of the track number.
TABLE 57. Defining Bytes to Read or Write Us-
ing SET TRACK
Execution Phase
Internal register is read or written.
Result Phase
This byte is one byte of the track number that was
read or written, depending on the value of WNR in the
first command byte.
3.6.21 The SPECIFY Command
The SPECIFY command sets initial values for the fol-
lowing time periods:
• The delay before command processing starts,
formerly called Motor On Time (MNT)
• The delay after command processing terminates,
formerly called Motor Off Time (MFT)
• The interval step rate time.
The FDC uses the Digital Output Register (DOR) to
enable the drive and motor select signals. See also,
“Digital Output Register (DOR), Offset 010” on page
77.
The delays may be used to support the
µPD765, i.e.,
to insert delays from selection of a drive motor until a
read or write operation starts, and from termination of
a command until the drive motor is no longer selected,
respectively.
The parameters used by this command are undefined
after power up, and are unaffected by any reset.
Therefore, software should always issue a SPECIFY
command as part of an initialization routine to initialize
these parameters.
Termination of this command does not generate an
interrupt.
Command Phase.
Second Command Phase Byte
Bits 3-0 - Delay After Processing Factor
These bits specify a factor that is multiplied by a
constant to determine the delay after command
processing ends, i.e., from termination of a com-
mand until the drive motor is no longer selected.
The value of the Motor Timer Values (TMR) bit (bit
7) of the second command phase byte in the
MODE command determines which group of con-
stants and delay ranges to use. See “Bit 7 - Motor
Timer Values (TMR)” on page 101.
The specific constant that will be multiplied by this
factor to determine the actual delay after process-
ing for each data transfer rate is shown in Table
58.
Use the smallest possible value for this factor, ex-
cept 0, i.e., 1. If this factor is 0, the value16 is used.
MSB
DS1
DS0
Byte to Read or Write
210
000
Drive 0 (LSB)
100
Drive 0 (MSB)
001
Drive 1 (LSB)
101
Drive 1 (MSB)
010
Drive 2 (LSB)
110
Drive 2 (MSB)
011
Drive 3 (LSB)
111
Drive 3 (MSB)
7654
3210
Byte of Present Track Number(PTR)
7654
3210
0000
0011
Step Rate Time (SRT)
Delay After Processing
Delay Before Processing
DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com