Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 116Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 117Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 118Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 119Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 120Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 121Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 122Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 123Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 221 page
background image
120
www.national.com
3.6.24 The WRITE DATA Command
The WRITE DATA command receives data from the
host and writes logical sectors containing a normal
data Address Mark (AM) to the selected drive.
This command is like the READ DATA command, ex-
cept that the data is transferred from the microproces-
sor to the controller instead of the other way around.
Command Phase
See the READ DATA command starting on page 105
for a description of these bytes.
The controller waits the Delay Before Processing time
before starting execution.
If implied seeks are enabled, i.e., IPS in the second
command phase byte is 1, the operations performed
by SEEK and SENSE INTERRUPT commands are
performed (without these commands being issued).
Execution Phase
Data is transferred from the system to the controller
via DMA or non-DMA modes and written to the
disk.See “Execution Phase” starting on page 85 for a
description of these data transfer modes.
The controller starts the data separator and waits for
it to find the address field of the next sector. The con-
troller compares the address ID (track number, head
number, sector number, bytes-per-sector code) with
the ID specified in the command phase.
If there is no match, the controller waits to find the
next sector address field. This process continues until
the desired sector is found. If an error condition oc-
curs, the Interrupt Control (IC) bits (bits 7,6) in ST0
are set to abnormal termination, and the controller en-
ters the result phase. See “Bits 7,6 - Interrupt Code
(IC)” on page 89
Possible errors are:
• The microprocessor aborted the command by writ-
ing to the FIFO.
If there is no disk in the drive, the controller gets
stuck. The microprocessor must then write a byte
to the FIFO to advance the controller to the result
phase.
• Two pulses of the INDEX signal were detected
since the search began, and no valid ID was
found.
If the track address differs, either the Wrong Track
bit (bit 4) or the Bad Track bit (bit 1) (if the track ad-
dress is FF hex) is set in result phase Status reg-
ister 2 (ST2). See Section 3.5.3 on page 90.
If the head number, sector number or bytes-per-
sector code did not match, the Missing Data bit (bit
2) is set in result phase Status register 1 (ST1).
If the Address Mark (AM) is not found, the Missing
Address Mark bit (bit 0) is set in ST1.
Section 3.5.2 on page 89 describes the bits of
ST1.
• A CRC error was detected in the address field. In
this case the CRC Error bit (bit 5) is set in ST1.
• The controller detected an active the Write Protect
(WP) disk interface input signal, and set bit 1 of
ST1 to 1.
If the correct address field is found, the controller
waits for all (conventional drive mode) or part (per-
pendicular drive mode) of gap 2 to pass. See Figure
58 on page 99. The controller then writes the pream-
ble field, Address Marks (AM) and data bytes to the
data field. The microprocessor transfers the data
bytes to the controller.
After writing the sector, the controller reads the next
logical sector, unless one or more of the following ter-
mination conditions occurs:
• The DMA controller asserted the Terminal Count
(TC) signal to indicate that the operation terminat-
ed. The Interrupt Code (IC) bits (bits 7,6) in ST0
are set to normal termination (00). See page 89.
• The last sector address (of side 1, if the Multi-
Track enable bit (MT) was set to 1) was equal to
the End of Track sector number. The End of Track
bit (bit 7) in ST1 is set. The IC bits in ST0 are set
to abnormal termination (01). This is the expected
condition during non-DMA transfers.
• Overrun error. The Overrun bit (bit 4) in ST1 is set.
The Interrupt Code (IC) bits (bits 7,6) in ST0 are
set to abnormal termination (01). If the micropro-
cessor cannot service a transfer request in time,
the last correctly written byte is written to the disk.
If the Multi-Track (MT) bit was set in the opcode com-
mand byte, and the last sector of side 0 has been
transferred, the controller continues with side 1.
7654
3210
MT
MFM
0
0
0101
IPS
X
X
X
X
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com