Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 160Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 164Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 165Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 166Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 167Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 221 page
background image
164
www.national.com
5.15.1 LBGD – Legacy Baud Generator
Divisor Port
This port provides an alternate data path to the baud
generator divisor register. It is implemented for com-
patibility with the 16550 and to support existing legacy
software packages. New software should use the
BGD port in bank 2 to access the baud generator de-
visor register. Like the BGD port, LBGD is 16 bits wide
and is split into two 8-bit parts, LBGD(L) and LB-
GD(H), occupying consecutive address locations. A
CPU read or write access of the divisor register,
through either LBGD(L) or LBGD(H), will affect the
module operational mode as follows.
If the module is in extended mode, the module is
switched back to 16550 compatibility mode.
In addition to the EXT_SL bit, the following bits are
also cleared.
1. Bits 2 to 7 of extended-mode MCR.
2. Bit 5 and 7 of EXCR1.
3. Bits 0 to 5 of EXCR2.
4. Bits 2 and 3 of IRCR1.
If the module is in non-extended mode and the LOCK
bit is 0, the following bits will be cleared.
1. Bits 5 and 7 of EXCR1.
2. Bits 0 to 5 of EXCR2.
If the module is in non-extended mode and the LOCK
bit is 1, the content of the divisor register will not be
affected and no other action is taken.
5.15.2 LCR/BSR – Link Control/Bank
Select Registers
These registers are the same as in bank 0.
5.16 BANK 2
TABLE 83. Bank 2 Register Set
5.16.1 BGD – Baud Generator Divisor
Port
This port provides the data path to the baud generator
divisor register that holds the reload value for the
baud generator counter. Divisor values from 1 to 2
16
–1 can be used. See Table 84. The zero value is re-
served and must not be used. The programmed value
must be such that the baud generator output clock fre-
quency is sixteen times the desired baud rate value.
The baud generator divisor register is 16 bits wide
and is split into two independently accessible 8-bit
parts. Correspondingly, the BGD port is also 16 bits
wide and is split into two 8-bit parts, occupying con-
secutive address locations. BGD(L) is located at the
lower address and accesses the least significant part
of the baud generator divisor register, whereas
BGD(H) is located at the higher address and access-
es the most significant part. The baud generator divi-
sor register must be loaded during initialization to
ensure proper operation of the baud generator. Upon
loading either part of it, the baud generator counter is
immediately loaded.
After reset, the content of the baud generator divisor
register is indeterminate.
Address
Offset
Register
Name
Description
00h
BGD(L)
Baud Generator Divisor Port
(Low byte)
01h
BGD(H)
Baud Generator Divisor Port
(High byte)
02h
EXCR1
Extended Control Register 1
03h
LCR/BSR
Link Control/
Bank Select Register
04h
EXCR2
Extended Control Register 2
05h
Reserved
06h
TXFLV
TX_FIFO Level
07h
RXFLV
RX_FIFO Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com