Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 164Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 165Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 166Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 167Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 168Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 169Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 170Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 221 page
background image
167
www.national.com
FIGURE 88. DMA Control Signals Routing
5.16.3 LCR/BSR – Link Control/Bank
Select Registers
These registers are the same as in bank 0.
5.16.4 EXCR2 – Extended Control
Register 2
This register is used to configure the transmitter and
receiver FIFOs, and the baud generator prescaler.
Upon reset all bits are set to 0.
FIGURE 88. Extended Control Register 2
B1–0 TF_SIZ [1–0] – TX_FIFO Levels Select.
These bits select the number of levels for the
TX_FIFO.
They are effective only when the FIFOs are en-
abled.
Bits 1–0
TXFIFO Levels
00
16
01
32
1x
Reserved
TX -
Routing
RX_DMA
Logic
Channel
DMA
Logic
RX -
Channel
DMA
Logic
TX_DMA
DMA
Hand-
shake
Signals
DMASWP
DMA Swap
Logic
Configuration
Module
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
RF_SIZ0
PRESL0
PRESL1
Reserved
LOCK
TF_SIZ0
TF_SIZ1
RF_SIZ1
B3–2 RF_SIZ [1–0] – RX_FIFO Levels Select.
These bits select the number of levels for the
RX_FIFO.
They are effective only when the FIFOs are en-
abled.
Bits 3–2
RX_FIFO Levels
00
16
01
32
1x
Reserved
B5–4 PRESL [1–0] – Prescaler Select.
The prescaler divides the 24 MHz input clock
frequency to provide the clock for the baud
generator.
Bits 5–4
Prescaler Value
00
13.0
01
1.625
10
Reserved
11
1.0
B6
Reserved.
Read/write 0.
B7
LOCK – Lock Bit.
When set to 1, accesses to the baud generator
divisor register through LBGD(L) and LBGD(H)
as well as fallback are disabled from non-ex-
tended mode.
In this case two scratchpad registers overlayed
with LBGD(L) and LBGD(H) are enabled, and
any attempted CPU access of the baud gener-
ator divisor register through LBGD(L) and LB-
GD(H) will access the scratchpad registers
instead. This bit must be set to 0 when extend-
ed mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com