Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 170 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 170 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 166Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 167Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 168Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 169Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 170Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 171Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 172Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 173Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 174Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 221 page
background image
170
www.national.com
5.18.4 TFRL/TFRCC – Transmitter
Frame-Length/Current-Count
These registers share the same addresses. TFRL is
always accessed during write cycles and is used to
program the frame length, in bytes, for the frames to
be transmitted. The frame length value does not in-
clude any appended CRC bytes. TFRL is accessed
during read cycles if the CTEST bit is set to 1, and re-
turns the previously programmed value. Values from
1 to 2
13 –1 can be used. The zero value is reserved
and must not be used. TFRCC is loaded with the con-
tent of TFRL when transmission of a frame begins,
and decrements after each byte is transmitted. It is
read-only and is accessed during CPU read cycles
when the CTEST bit is 0. It returns the number of cur-
rently remaining bytes of the frame being transmitted.
These registers are 13 bits wide and are split into two
independently accessible parts occupying consecu-
tive address locations. TFRL(L) and TFRCC(L) are lo-
cated at the lower address and access the least
significant 8 bits, whereas TFRL(H) and TFRCC(H)
are located at the higher address and access the
most significant 5 bits. To properly program TFRL, the
CPU must always write the lower value into TFRL(L)
first, and then the upper value into TFRL (H). The up-
per 3 bits of TFRL(H) are reserved and must be writ-
ten with 0's. In order for a read access of TFRCC to
return an accurate value, the CPU should always read
TFRCC(L) first, and then TFRCC(H). After reset, the
content of the TFRL register is 800h.
5.18.5 RFRML/RFRCC – Receiver Frame
Maximum-Length/Current-Count
These registers share the same addresses. RFRML
is always accessed during write cycles and is used to
program the maximum frame length, in bytes, for the
frames to be received. The maximum frame length
value includes the CRC bytes. RFRML is accessed
during read cycles if the CTEST bit is set to 1, and re-
turns the previously programmed value.
Values from 4 to 2
13 –1 can be used. The values from
0 to 3 are reserved and must not be used. RFRCC
holds the current byte count of the incoming frame,
and increments after each byte is received. It is read-
only and is accessed during CPU read cycles when
the CTEST bit is 0. These registers are 13 bits wide
and are split into two independently accessible parts
occupying consecutive address locations. RFRML(L)
and RFRCC(L) are located at the lower address and
access
the
least
significant
8
bits,
whereas
RFRML(H) and RFRCC(H) are located at the higher
address and access the most significant 5 bits. To
properly program RFRML, the CPU must always write
the lower value into RFRML(L) first, and then the up-
per value into RFRML(H). The upper 3 bits of
RFRML(H) are reserved and must be written with 0's.
In order for a read access of RFRCC to return an ac-
curate value, the CPU should always read RFRCC(L)
first, and then RFRCC(H). After reset, the content of
the RFRML register is 800h.
Note: TFRCC and RFRCC are intended for testing
purposes only. Use of these registers for any other
purpose is not recommended.
5.19 BANK 5
TABLE 87. Bank 5 Register
5.19.1 P_BGD – Pipelined Baud
Generator Divisor Register
This register holds the value that determines the new
baud rate following a pipeline operation. It is a 16-bit
wide register and is split into two 8-bit parts,
P_BGD(L) and P_BGD(H), occupying consecutive
address locations. The value written into these regis-
ters will be loaded into the least and most significant
parts of the baud generator divisor register when the
transmitter becomes empty and both the MD_PEN
and BR_PEN bits in the P_MDR register are set to 1.
Upon reset, the content of this register is indetermi-
nate.
5.19.2 P_MDR – Pipelined Mode Register
This register can be read or written in any mode. How-
ever, a pipeline operation will only take place if the
presently selected mode and the target mode are
both IrDA modes.
Furthermore, SIR must be selected in extended mode
and the TX_FIFO1 must be enabled.
Address
Offset
Register
Name
Description
00h
P_BGD(L)
Pipelined Baud Generator
Divisor Set Register
01h
P_BGD(H)
Pipelined Baud Generator
Divisor Set Register
02h
P_MDR
Pipeline Mode Register
03h
LCR/
BSR
Link Control/
Bank Select Registers
04h
IRCR2
Infrared Control Register 2
05h
FRM_ST
Frame Status
06h
RFRL(L)/
LSTFRC
Received Frame Length
(Low Byte)/Lost Frame Count
07h
RFRL(H)
Received Frame Length
(High Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com