Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 165Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 166Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 167Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 168Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 169Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 170Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 171Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 172Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 221 page
background image
169
www.national.com
5.18 BANK 4
TABLE 86. Bank 4 Register Set
5.18.1 TMR – Timer Register
This register is used to program the reload value for
the internal down-counter as well as to read the cur-
rent counter value. TMR is 12 bits wide and is split
into two independently accessible parts occupying
consecutive address locations. TMR(L) is located at
the lower address and accesses the least significant
8 bits, whereas TMR(H) is located at the higher ad-
dress and accesses the most significant 4 bits. Val-
ues from 1 to 2
12 –1 can be used. The zero value is
reserved and must not be used. The upper 4 bits of
TMR(H) are reserved and must be written with 0's.
The timer resolution is 125
µs, providing a maximum
time-out interval of approximately 0.5 seconds. To
properly program the timer, the CPU must always
write the lower value into TMR(L) first, and then the
upper value into TMR(H). Writing into TMR(H) causes
the counter to be loaded. A read of TMR returns the
current counter value if the CTEST bit is 0, or the pro-
grammed reload value if CTEST is 1. In order for a
read access to return an accurate value, the CPU
should always read TMR(L) first, and then TMR(H).
This is because a read of TMR(H) returns the content
of an internal latch that is loaded with the 4 most sig-
nificant bits of the current counter value when TMR(L)
is read. After reset, the content of this register is inde-
terminate.
5.18.2 IRCR1 – Infrared Control
Register 1
Used to control the timer and counters as well as en-
able the Sharp-IR or SIR infrared mode in the non-ex-
tended mode of operation.
Upon reset, all bits are set to 0.
.
FIGURE 88. Infrared Control Register 1
5.18.3 LCR/BSR – Link Control/Bank
Select Registers
These Registers are the same as in bank 0.
Address
Offset
Register
Name
Description
00h
TMR(L)
Timer Register (Low Byte)
01h
TMR(H)
Timer Register (High Byte)
02h
IRCR1
Infrared Control Register 1
03h
LCR/
BSR
Link Control/
Bank Select Registers
04h
TFRL(L)/
TFRCC(L)
Transmit Frame Length/
Current Count (Low Byte)
05h
TFRL(H)/
TFRCC(H)
Transmit Frame Length/
Current Count (High Byte)
06h
RFRML(L)/
RFRCC(L)
Receive Frame
Maximum Length/
Current Count (Low Byte)
07h
RFRML(H)/
RFRCC(H)
Receive Frame
Maximum Length/
Current Count (High Byte)
B0
TMR_EN – Timer Enable, Extended Mode
Only.
When this bit is 1, the timer is enabled.
When it is 0, the timer is frozen.
B1
CTEST – Counters Test.
When this bit is set to 1, the TMR register re-
load value, as well as the TFRL and RFRML
register contents are returned during CPU
reads.
B3–2 IR_SL [1–0] – SIR or Sharp-IR Select, Non-
Extended Mode Only.
These bits are used to select the appropriate
infrared mode when the module is in non-ex-
tended mode.
They are ignored when extended mode is se-
lected.
Bits 3-2
Selected Mode
00
UART
01
Reserved
10
Sharp-IR
11
SIR
B7–4 Reserved.
Write as 0's.
7
6
5
432
10
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
IR_SL0
TMR_EN
CTEST
IR_SL1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com