Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 169Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 170Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 171Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 172Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 173Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 174Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 175Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 176Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 221 page
background image
173
www.national.com
LOST_FR = 0 Least significant 8 bits of the received
frame length.
LOST_FR = 1 Number of lost frames
RFRL(H) – Received-Frame-Length at
ST_FIFO Bottom, Read-Only
This register should be read only when the VLD bit in
FRMST is 1. The information returned depends on the
setting of the LOST_FR bit. Upon reset, all bits are set
to 0.
LOST_FR = 0 Most significant 5 bits of the received
frame length.
LOST_FR = 1 All 0's Reading this register removes
the bottom ST_FIFO entry.
5.20 BANK 6
TABLE 88. Bank 6 Register Set
5.20.1 IRCR3 – Infrared Control
Register 3
Used to select the operating mode of the infrared in-
terface.
Upon reset, the content of this register is 20h.
FIGURE 88. Infrared Control Register 3
5.20.2 MIRPW – MIR Pulse Width
Register
This register is used to program the width of the trans-
mitted MIR infrared pulses in increments of either
20.833 ns or 41.666 ns depending on the setting of
the MDSR bit in the IRCR2 register. The programmed
value has no effect on the MIR receiver. After reset,
the content of this register is 0Ah.
FIGURE 88. MIR Pulse Width Register
Address
Offset
Register
Name
Description
00h
IRCR3
Infrared Control Register 3
01h
MIR_PW
MIR Pulse Width
02h
SIR_PW
SIR Pulse Width Register
03h
LCR/
BSR
Link Control/
Bank Select Register
04h
BFPL
Beginning Flags/
Preamble Length Register
05h - 07h
Reserved
7
6
5
432
10
Reset
Required
0
0
0
0
0
1
0
0
0
0
TXCRC_INV
MIR_CRC
FIR_CRC
SHMD_DS
SHDM_DS
Reserved
TXCRC_DS
Reserved
B0 Reserved.
Write 0.
B1 TXCRC_DS – Disable Transmitter CRC.
When set to 1, a CRC is not transmitted.
B2 TXCRC_INV – Invert Transmitter CRC.
When set to 1, an inverted CRC is transmit-
ted.This bit can be used to force a bad CRC for
testing purposes.
B3 Reserved.
Write 0.
B4 MIR_CRC – MIR Mode CRC Select.
Determines the length of the CRC in MIR mode.
0
→ 16-bit CRC
1
→ 32-bit CRC
B5 FIR_CRC – FIR Mode CRC Select.
Determines the length of the CRC in FIR mode.
0
→ 16-bit CRC
1
→ 32-bit CRC
B6 SHMD_DS – Sharp-IR Modulation Disable.
When set to 1, internal 500 kHz transmitter mod-
ulation is disabled.
B7 SHDM_DS – Sharp-IR Demodulation Disable.
When set to 1, internal 500 kHz receiver demod-
ulation is disabled.
765
43
210
Reset
Required
0
1
0
1
0
0
0
0
MPW(3-0)
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com