Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 171 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 167Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 168Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 169Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 170Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 171Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 172Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 173Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 174Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.9
External Memory Interface (EMIF)
C6424 supports several memory and external device interfaces, including:
•
Asynchronous EMIF (EMIFA) for interfacing to NOR Flash, SRAM, etc.
•
NAND Flash
6.9.1
Asynchronous EMIF (EMIFA)
The C6424 Asynchronous EMIF (EMIFA) provides a 16-bit data bus, an address bus width up to 24-bits,
and 4 chip selects, along with memory control signals. These signals are multiplexed between these
peripherals:
•
EMIFA and NAND interfaces
•
EMAC (RMII)
•
PCI
•
GPIO
6.9.2
NAND (NAND, SmartMedia, xD)
The EMIFA interface provides both the asynchronous EMIF and NAND interfaces. Four chip selects are
provided and each are individually configurable to provide either EMIFA or NAND support. The NAND
features supported are as follows.
•
NAND flash on up to 4 asynchronous chip selects.
•
8- or 16-bit data bus width
•
Programmable cycle timings.
•
Performs ECC calculation.
•
NAND Mode also supports SmartMedia and xD memory cards
•
Boot ROM supports booting of the C6424 from NAND flash located at CS2
The memory map for EMIFA and NAND registers is shown in Table 6-23. For more details on the EMIFA
and NAND interfaces, the TMS320C642x DSP Peripherals Overview Reference Guide (literature number
SPRUEM3) and the TMS320C642x Asynchronous External Memory Interface (EMIF) User's Guide
(literature number SPRUEM7).
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
171
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com