Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 172 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 168Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 169Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 170Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 171Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 172Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 173Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 174Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 175Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-23. EMIFA/NAND Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01E0 0000
RCSR
Revision Code and Status Register
0x01E0 0004
AWCCR
Asynchronous Wait Cycle Configuration Register
0x01E0 0008 - 0x01E0 000F
Reserved
0x01E0 0010
A1CR
Asynchronous 1 Configuration Register (CS2 Space)
0x01E0 0014
A2CR
Asynchronous 2 Configuration Register (CS3 Space)
0x01E0 0018
A3CR
Asynchronous 3 Configuration Register (CS4 Space)
0x01E0 001C
A4CR
Asynchronous 4 Configuration Register (CS5 Space)
0x01E0 0020 - 0x01E0 003F
-
Reserved
0x01E0 0040
EIRR
EMIF Interrupt Raw Register
0x01E0 0044
EIMR
EMIF Interrupt Mask Register
0x01E0 0048
EIMSR
EMIF Interrupt Mask Set Register
0x01E0 004C
EIMCR
EMIF Interrupt Mask Clear Register
0x01E0 0050 - 0x01E0 005F
-
Reserved
0x01E0 0060
NANDFCR
NAND Flash Control Register
0x01E0 0064
NANDFSR
NAND Flash Status Register
0x01E0 0070
NANDF1ECC
NAND Flash 1 ECC Register (CS2 Space)
0x01E0 0074
NANDF2ECC
NAND Flash 2 ECC Register (CS3 Space)
0x01E0 0078
NANDF3ECC
NAND Flash 3 ECC Register (CS4 Space)
0x01E0 007C
NANDF4ECC
NAND Flash 4 ECC Register (CS5 Space)
0x01E0 0080 - 0x01E0 0FFF
-
Reserved
172
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com