Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 214 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 214 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 210Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 211Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 212Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 213Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 214Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 215Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 216Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 217Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-56. EMAC Statistics Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 0200
RXGOODFRAMES
Good Receive Frames Register
Broadcast Receive Frames Register
01C8 0204
RXBCASTFRAMES
(Total number of good broadcast frames received)
Multicast Receive Frames Register
01C8 0208
RXMCASTFRAMES
(Total number of good multicast frames received)
01C8 020C
RXPAUSEFRAMES
Pause Receive Frames Register
Receive CRC Errors Register (Total number of frames received with
01C8 0210
RXCRCERRORS
CRC errors)
Receive Alignment/Code Errors Register
01C8 0214
RXALIGNCODEERRORS
(Total number of frames received with alignment/code errors)
Receive Oversized Frames Register
01C8 0218
RXOVERSIZED
(Total number of oversized frames received)
Receive Jabber Frames Register
01C8 021C
RXJABBER
(Total number of jabber frames received)
Receive Undersized Frames Register
01C8 0220
RXUNDERSIZED
(Total number of undersized frames received)
01C8 0224
RXFRAGMENTS
Receive Frame Fragments Register
01C8 0228
RXFILTERED
Filtered Receive Frames Register
01C8 022C
RXQOSFILTERED
Received QOS Filtered Frames Register
Receive Octet Frames Register
01C8 0230
RXOCTETS
(Total number of received bytes in good frames)
Good Transmit Frames Register
01C8 0234
TXGOODFRAMES
(Total number of good frames transmitted)
01C8 0238
TXBCASTFRAMES
Broadcast Transmit Frames Register
01C8 023C
TXMCASTFRAMES
Multicast Transmit Frames Register
01C8 0240
TXPAUSEFRAMES
Pause Transmit Frames Register
01C8 0244
TXDEFERRED
Deferred Transmit Frames Register
01C8 0248
TXCOLLISION
Transmit Collision Frames Register
01C8 024C
TXSINGLECOLL
Transmit Single Collision Frames Register
01C8 0250
TXMULTICOLL
Transmit Multiple Collision Frames Register
01C8 0254
TXEXCESSIVECOLL
Transmit Excessive Collision Frames Register
01C8 0258
TXLATECOLL
Transmit Late Collision Frames Register
01C8 025C
TXUNDERRUN
Transmit Underrun Error Register
01C8 0260
TXCARRIERSENSE
Transmit Carrier Sense Errors Register
01C8 0264
TXOCTETS
Transmit Octet Frames Register
01C8 0268
FRAME64
Transmit and Receive 64 Octet Frames Register
01C8 026C
FRAME65T127
Transmit and Receive 65 to 127 Octet Frames Register
01C8 0270
FRAME128T255
Transmit and Receive 128 to 255 Octet Frames Register
01C8 0274
FRAME256T511
Transmit and Receive 256 to 511 Octet Frames Register
01C8 0278
FRAME512T1023
Transmit and Receive 512 to 1023 Octet Frames Register
01C8 027C
FRAME1024TUP
Transmit and Receive 1024 to 1518 Octet Frames Register
01C8 0280
NETOCTETS
Network Octet Frames Register
01C8 0284
RXSOFOVERRUNS
Receive FIFO or DMA Start of Frame Overruns Register
01C8 0288
RXMOFOVERRUNS
Receive FIFO or DMA Middle of Frame Overruns Register
Receive DMA Start of Frame and Middle of Frame Overruns
01C8 028C
RXDMAOVERRUNS
Register
214
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com