Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 218 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 218 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 214Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 215Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 216Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 217Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 218Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 219Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 220Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 221Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 222Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 249 page
background image
RMREFCLK
1
2
RMRXD1−RMRXD0,
RMCRSDV, RMRXER (Inputs)
1
RMREFCLK
RMTXD1−RMTXD0,
RMTXEN (Outputs)
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 6-64. Timing Requirements for EMAC RMII Receive 10/100 Mbit/s(1) (see Figure 6-39)
-7/-6/-5/-4
-L/-Q6/-Q5/-
NO.
UNIT
Q4
MIN
MAX
1
tsu(RMRXD-REFCLKH)
Setup time, receive selected signals valid before RMREFCLK high
4
ns
2
th(REFCLKH-RMRXD)
Hold time, receive selected signals valid after RMREFCLK high
2
ns
(1)
Receive selected signals include: RMRXD1-RMRXD0, RMCRSDV, and RMRXER.
Figure 6-39. EMAC Receive Interface Timing [RMII Operation]
Table 6-65. Switching Characteristics Over Recommended Operating Conditions for EMAC RMII Transmit
10/100 Mbit/s(1) (see Figure 6-40)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
td(REFCLKH-MTXD)
Delay time, RMREFCLK high to transmit selected signals valid
2.2
15.5
ns
(1)
Transmit selected signals include: RMTXD1-RMTXD0, and RMTXEN.
Figure 6-40. EMAC Transmit Interface Timing [RMII Operation]
218
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com