Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 219 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 215Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 216Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 217Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 218Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 219Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 220Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 221Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 222Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.16
Management Data Input/Output (MDIO)
The Management Data Input/Output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The Management Data Input/Output (MDIO) module implements the 802.3 serial management interface to
interrogate and control Ethernet PHY(s) using a shared two-wire bus. Host software uses the MDIO
module to configure the auto-negotiation parameters of each PHY attached to the EMAC, retrieve the
negotiation results, and configure required parameters in the EMAC module for correct operation. The
module is designed to allow almost transparent operation of the MDIO interface, with very little
maintenance from the core processor. Only one PHY may be connected at any given time.
For more detailed information on the MDIO peripheral, see the TMS320C642x Ethernet Media Access
Controller (EMAC)/Management Data Input/Output (MDIO) Module User's Guide (literature number
SPRUEM6). For a list of supported registers and register fields, see Table 6-66 [MDIO Registers] in this
data manual.
6.16.1
Peripheral Register Description(s)
Table 6-66. MDIO Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C8 4000
–
Reserved
0x01C8 4004
CONTROL
MDIO Control Register
0x01C8 4008
ALIVE
MDIO PHY Alive Status Register
0x01C8 400C
LINK
MDIO PHY Link Status Register
0x01C8 4010
LINKINTRAW
MDIO Link Status Change Interrupt (Unmasked) Register
0x01C8 4014
LINKINTMASKED
MDIO Link Status Change Interrupt (Masked) Register
0x01C8 4018
–
Reserved
0x01C8 4020
USERINTRAW
MDIO User Command Complete Interrupt (Unmasked) Register
0x01C8 4024
USERINTMASKED
MDIO User Command Complete Interrupt (Masked) Register
0x01C8 4028
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set Register
0x01C8 402C
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear Register
0x01C8 4030 - 0x01C8 407C
–
Reserved
0x01C8 4080
USERACCESS0
MDIO User Access Register 0
0x01C8 4084
USERPHYSEL0
MDIO User PHY Select Register 0
0x01C8 4088
USERACCESS1
MDIO User Access Register 1
0x01C8 408C
USERPHYSEL1
MDIO User PHY Select Register 1
0x01C8 4090 - 0x01C8 47FF
–
Reserved
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
219
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com