Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 230 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 230 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 226Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 227Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 228Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 229Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 230Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 231Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 232Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 233Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.20 VLYNQ
The C6424 VLYNQ peripheral provides a high speed serial communications interface with the following
features.
•
Low Pin Count
•
Scalable Performance / Support
•
Simple Packet Based Transfer Protocol for Memory Mapped Access
–
Write Request / Data Packet
–
Read Request Packet
–
Read Response Data Packet
–
Interrupt Request Packet
•
Supports both Symmetric and Asymmetric Operation
–
Tx pins on first device connect to Rx pins on second device and vice versa
–
Data pin widths are automatically detected after reset
–
Request packets, response packets, and flow control information are all multiplexed and sent
across the same physical pins
–
Supports both Host/Peripheral and Peer to Peer communication
•
Simple Block Code Packet Formatting (8b/10b)
•
In Band Flow Control
–
No extra pins needed
–
Allows receiver to momentarily throttle back transmitter when overflow is about to occur
–
Uses built in special code capability of block code to seamlessly interleave flow control information
with user data
–
Allows system designer to balance cost of data buffering versus performance
•
Multiple outstanding transactions
•
Automatic packet formatting optimizations
•
Internal loop-back mode
6.20.1 VLYNQ Peripheral Register Description(s)
Table 6-82. VLYNQ Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01E0 1000
-
Reserved
0x01E0 1004
CTRL
VLYNQ Local Control Register
0x01E0 1008
STAT
VLYNQ Local Status Register
0x01E0 100C
INTPRI
VLYNQ Local Interrupt Priority Vector Status/Clear Register
0x01E0 1010
INTSTATCLR
VLYNQ Local Unmasked Interrupt Status/Clear Register
0x01E0 1014
INTPENDSET
VLYNQ Local Interrupt Pending/Set Register
0x01E0 1018
INTPTR
VLYNQ Local Interrupt Pointer Register
0x01E0 101C
XAM
VLYNQ Local Transmit Address Map Register
0x01E0 1020
RAMS1
VLYNQ Local Receive Address Map Size 1 Register
0x01E0 1024
RAMO1
VLYNQ Local Receive Address Map Offset 1 Register
0x01E0 1028
RAMS2
VLYNQ Local Receive Address Map Size 2 Register
0x01E0 102C
RAMO2
VLYNQ Local Receive Address Map Offset 2 Register
0x01E0 1030
RAMS3
VLYNQ Local Receive Address Map Size 3 Register
0x01E0 1034
RAMO3
VLYNQ Local Receive Address Map Offset 3 Register
0x01E0 1038
RAMS4
VLYNQ Local Receive Address Map Size 4 Register
0x01E0 103C
RAMO4
VLYNQ Local Receive Address Map Offset 4 Register
230
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com