Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 232 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 232 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 228Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 229Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 230Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 231Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 232Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 233Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 234Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 235Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 249 page
background image
VLYNQ_CLK
3
1
2
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.20.2 VLYNQ Electrical Data/Timing
Table 6-83. Timing Requirements for VLYNQ_CLK Input (see Figure 6-45)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tc(VCLK)
Cycle time, VLYNQ_CLK
10
ns
2
tw(VCLKH)
Pulse duration, VLYNQ_CLK high
3
ns
3
tw(VCLKL)
Pulse duration, VLYNQ_CLK low
3
ns
Table 6-84. Switching Characteristics Over Recommended Operating Conditions for VLYNQ_CLK Output
(see Figure 6-45)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(VCLK)
Cycle time, VLYNQ_CLK
10
ns
2
tw(VCLKH)
Pulse duration, VLYNQ_CLK high
4
ns
3
tw(VCLKL)
Pulse duration, VLYNQ_CLK low
4
ns
Figure 6-45. VLYNQ_CLK Timing for VLYNQ
Table 6-85. Switching Characteristics Over Recommended Operating Conditions for Transmit Data for the
VLYNQ Module (see Figure 6-46)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
td(VCLKH-
1
Delay time, VLYNQ_CLK high to VLYNQ_TXD[3:0] invalid
2.25
ns
TXDI)
td(VCLKH-
2
Delay time, VLYNQ_CLK high to VLYNQ_TXD[3:0] valid
12
ns
TXDV)
232
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com