Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 126 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 122Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 123Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 124Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 125Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 126Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 127Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 128Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 129Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
5.2
Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
(-7/-6/-5/-4/-Q6/-Q5/-Q4 devices)
1.14
1.2
1.26
V
CVDD
Supply voltage, Core (CVDD)
(2)
(-7/-6/-5/-4/-L/-Q5 devices)
1.0
1.05
1.1
V
Supply voltage, I/O, 3.3V (DVDD33)
2.97
3.3
3.63
V
DVDD
Supply voltage, I/O, 1.8V (DVDDR2, DDR_VDDDLL, PLLPWR18, MXVDD
(3))
1.71
1.8
1.89
V
VSS
Supply ground (VSS, DDR_VSSDLL, MXVSS
(4))
0
0
0
V
DDR_VREF
DDR2 reference voltage(5)
0.49DVDDR2
0.5DVDDR2
0.51DVDDR2
V
DDR_ZP
DDR2 impedance control, connected via 200
Ω resistor to VSS
VSS
V
DDR_ZN
DDR2 impedance control, connected via 200
Ω resistor to DVDDR2
DVDDR2
V
High-level input voltage, 3.3V (except PCI-capable and I2C pins)
2
V
High-level input voltage, MXI/ CLKIN
0.65MXVDD
V
VIH
High-level input voltage, PCI
0.5DVDD33
DVDD33 + 0.5
V
High-level input voltage, I2C
0.7DVDD33
Low-level input voltage, 3.3V (except PCI-capable and I2C pins)
0.8
V
Low-level input voltage, MXI/ CLKIN
0.35MXVDD
V
VIL
Low-level input voltage, PCI
–0.5
0.3DVDD33
V
Low-level input voltage, I2C
0
0.3DVDD33
V
Commercial
0
90
°C
TJ
Operating Junction temperature(6) (7)
Automotive (Q or S suffix)
–40
125
°C
Commercial
0
70
°C
TA
Operating Ambient temperature(7)
Automotive (Q or S suffix)
-40
85
°C
-7 devices
700
MHz
DSP Operating Frequency
-6/-Q6 devices
600
MHz
(SYSCLK1),
-5/-Q5 devices
500
MHz
CVDD = 1.2 V
-4/-Q4 devices
400
MHz
FSYSCLK1
(2)
-7 devices
560
MHz
DSP Operating Frequency
-6 devices
450
MHz
(SYSCLK1),
-5/-Q5/-L devices
400
MHz
CVDD = 1.05 V
-4 devices
350
MHz
(1)
The actual voltage must be determined at device power-up, and not be changed dynamically during run-time.
(2)
Applies to "tape and reel" part number counterparts as well. For more information, see Section 2.7 , Device and Development-Support
Tool Nomenclature.
(3)
Oscillator 1.8 V power supply (MXVDD) can be connected to the same 1.8 V power supply as DVDDR2.
(4)
Oscillator ground (MXVSS) must be kept separate from other grounds and connected directly to the crystal load capacitor ground.
(5)
DDR_VREF is expected to equal 0.5DVDDR2 of the transmitting device and to track variations in the DVDDR2.
(6)
In the absence of a heat sink or direct thermal attachment on the top of the device, use the following formula to determine the device
junction temperature: TJ = TC + (Power x PsiJT). Power and TC can be measured by the user. Section 7.1 , Thermal Data for ZWT and
Section 7.2 , Thermal Data for ZDU provide the junction-to-package top (PSIJT) value based on airflow in the system. In the presence of
a heat sink or direct thermal attachment on the top of the device, additional calculations and considerations must be taken into account.
For more detailed information on thermal considerations, measurements, and calculations, see the Thermal Considerations for the
DM64xx, DM64x, and C6000 Devices Application Report (literature number SPRAAL9).
(7)
Applications must meet both the Operating Junction Temperature and Operating Ambient Temperature requirements. For more detailed
information on thermal considerations, measurements, and calculations, see the Thermal Considerations for the DM64xx, DM64x, and
C6000 Devices Application Report (literature number SPRAAL9).
126
Device Operating Conditions
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com