Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 127 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 123Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 124Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 125Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 126Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 127Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 128Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 129Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 130Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
5.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
High-level output voltage (3.3V I/O except
DVDD33 = MIN, IOH = MAX
2.4
V
PCI-capable and I2C pins)
VOH
High-level output voltage (3.3V I/O
0.9DVDD33
IOH = -0.5 mA, DVDD33 = 3.3 V
V
PCI-capable pins)
(2)
Low-level output voltage (3.3V I/O except
DVDD33 = MIN, IOL = MAX
0.4
V
PCI-capable and I2C pins)
VOL
Low-level output voltage (3.3V I/O
0.1DVDD33
IOH = 1.5 mA, DVDD33 = 3.3 V
V
PCI-capable pins)
(2)
Low-level output voltage (3.3V I/O I2C pins)
IO = 3 mA
0
0.4
V
VI = VSS to DVDD33 with internal pullup resistor
(4)
50
100
250
μA
Input current [DC] (except I2C and PCI
capable pins)
VI = VSS to DVDD33 with internal pulldown resistor
(4)
–250
–100
–50
μA
Input current [DC] (I2C)
VI = VSS to DVDD33
±10
μA
II
(3)
0 < VI < DVDD33 = 3.3 V without internal resistor
±50
μA
0 < VI < DVDD33 = 3.3 V with internal pullup resistor
(4)
50
250
μA
Input current (PCI capable pins) [DC](5)
0 < VI < DVDD33 = 3.3 V with internal pulldown resistor
–250
–50
μA
(4)
CLK_OUT0 /PWM2/GPIO[84] and
-8
mA
VLYNQ_CLOCK/PCICLK/GP[57]
DDR2
–13.4
mA
IOH
High-level output current [DC]
PCI-capable pins
–0.5(2)
mA
All other peripherals
-4
mA
CLK_OUT0 /PWM2/GPIO[84] and
8
mA
VLYNQ_CLOCK/PCICLK/GP[57]
DDR2
13.4
mA
IOL
Low-level output current [DC]
PCI-capable pins
1.5(2)
mA
All other peripherals
4
mA
VO = DVDD33 or VSS; internal pull disabled
±50
μA
IOZ
(6)
I/O Off-state output current
VO = DVDD33 or VSS; internal pull enabled
±100
μA
CVDD = 1.2 V, DSP clock = 700 MHz
597
mA
CVDD = 1.2 V, DSP clock = 600 MHz
524
mA
CVDD = 1.2 V, DSP clock = 500 MHz
460
mA
ICDD
Core (CVDD) supply current
(7)
CVDD = 1.2 V, DSP clock = 400 MHz
392
mA
CVDD = 1.05 V, DSP clock = 560 MHz
442
mA
CVDD = 1.05 V, DSP clock = 450 MHz
372
mA
CVDD = 1.05 V, DSP clock = 400 MHz
341
mA
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
These rated numbers are from the PCI Local Bus Specification Revision 2.3. The DC specifications and AC specifications are defined in
Table 4-3 (DC Specifications for 3.3V Signaling) and Table 4-4 (AC Specifications for 3.3V Signaling), respectively.
(3)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(4)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(5)
PCI input leakage currents include Hi-Z output leakage for all bidirectional buffers with 3-state outputs.
(6)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
(7)
Measured under the following conditions: 60% DSP CPU utilization doing typical activity (peripheral configurations, other housekeeping
activities); DDR2 Memory Controller at 50% utilization (135 MHz), 50% writes, 32 bits, 50% bit switching; 2 MHz McBSP0 at 100%
utilization and 50% switching; Timer0 at 100% utilization. At room temperature (25 °C) for typical process ZWT devices. The actual
current draw varies across manufacturing processes and is highly application-dependent. C642x DSP devices are offered in two basic
options: lower-power option and high-performance option. Low-power devices offer lower power consumption across temperature and
voltage when compared with high-performance devices. However, high-performance devices offer higher operating speeds. For more
details on core and I/O activity, as well as information relevant to board power supply design, see the TMS320C642x Power
Consumption Summary Application Report (literature number SPRAAO9).
Copyright © 2007–2009, Texas Instruments Incorporated
Device Operating Conditions
127
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com