Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 12Page - STMicroelectronics L9659 Datasheet HTML 13Page - STMicroelectronics L9659 Datasheet HTML 14Page - STMicroelectronics L9659 Datasheet HTML 15Page - STMicroelectronics L9659 Datasheet HTML 16Page - STMicroelectronics L9659 Datasheet HTML 17Page - STMicroelectronics L9659 Datasheet HTML 18Page - STMicroelectronics L9659 Datasheet HTML 19Page - STMicroelectronics L9659 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Electrical specifications
L9659
16/51
Doc ID 022048 Rev 2
Figure 3.
MOS settling time and turn-on time 2
tsettle
Firing current settling time
Time from fire command
CS_D rising edge to where
firing current remains within
specified limits
CSQUIB _HI = 0 to 0.12µF
CSQUIB _LO = 0 to 0.12µF
-
-
150
µs
tDEPLOY-2ms
Deployment time
VRES = 7Vto 37@ IHS_12A
VRES = 7Vto 25@ IHS_15A
For IHS_12A and IHS_15A
Firing current measured
from CS_D rising edge
2.15
-
2.5
ms
tDEPLOY-1ms
VRES = 7Vto 37V
For IHS_175A Firing current
measured from CS_D rising
edge
1.15
-
1.40
ms
tDEPLOY-0.65ms
VRES = 7Vto 37V
For IHS_175A Firing current
measured from CS_D rising
edge
0.65
-
0.85
ms
Table 7.
Squib deployment drivers and diagnostics - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com