Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 43Page - STMicroelectronics L9659 Datasheet HTML 44Page - STMicroelectronics L9659 Datasheet HTML 45Page - STMicroelectronics L9659 Datasheet HTML 46Page - STMicroelectronics L9659 Datasheet HTML 47Page - STMicroelectronics L9659 Datasheet HTML 48Page - STMicroelectronics L9659 Datasheet HTML 49Page - STMicroelectronics L9659 Datasheet HTML 50Page - STMicroelectronics L9659 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
47/51
Bit [D8] POR status
0= Reset occurred. Bit cleared when read
1= Normal
With Bit D9=0 CFS
Bit D7:D4
‘0000’
Bit D3:
0 = FEN4 input or FEN4 latch timer inactive
1 = FEN4 input or FEN4 latch timer active
Bit D2:
0 = FEN3 input or FEN3 latch timer inactive
1 = FEN3 input or FEN3 latch timer active
Bit D1:
0 = FEN2 input or FEN2 latch timer inactive
1 = FEN2 input or FEN2 latch timer active
Bit D0:
0 = FEN1 input or FEN1 latch timer inactive
1 = FEN1 input or FEN1 latch timer active
Note:
The FEN status is the result of the state of the FEN input pin OR’d with the FEN latch timer.
The FEN latch timer will remain inactive until a transition of ‘1’ to ‘0’ on the FEN input
(assuming the pin was high for a minimum of 16µs). At that time the FEN latch timer will be
active and keep the internal FEN signal active based on the programmed time (0ms, 128ms,
256ms or 512ms) for that particular FEN function.
With Bit D9=1 CFS
Bit D7:
0 = Current through channel 7 is below IMEAS
1 = Current through channel 7 is above IMEAS
Bit D6:
0 = Current through channel 6 is below IMEAS
1 = Current through channel 6 is above IMEAS
Bit D5:
0 = Current through channel 5 is below IMEAS
1 = Current through channel 5 is above IMEAS
Bit D4:
0 = Current through channel 4 is below IMEAS
1 = Current through channel 4 is above IMEAS
Bit D3:
0 = Current through channel 3 is below IMEAS
1 = Current through channel 3 is above IMEAS
Bit D2:
0 = Current through channel 2 is below IMEAS
1 = Current through channel 2 is above IMEAS
Bit D1:
0 = Current through channel 1 is below IMEAS
1 = Current through channel 1 is above IMEAS
Bit D0:
0 = Current through channel 0 is below IMEAS
1 = Current through channel 0 is above IMEAS
Note:
current status for channel is captured on the falling edge of chip select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com