Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 40Page - STMicroelectronics L9659 Datasheet HTML 41Page - STMicroelectronics L9659 Datasheet HTML 42Page - STMicroelectronics L9659 Datasheet HTML 43Page - STMicroelectronics L9659 Datasheet HTML 44Page - STMicroelectronics L9659 Datasheet HTML 45Page - STMicroelectronics L9659 Datasheet HTML 46Page - STMicroelectronics L9659 Datasheet HTML 47Page - STMicroelectronics L9659 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Functional description
L9659
44/51
Doc ID 022048 Rev 2
The DEPLOY_SUCCESSx flag indicates if the corresponding channel’s drivers were
activated and that the activation period has completed. This bit is set when the activation
period has expired. The DEPLOY_SUCCESSx flag will be ‘1’ until it is cleared by writing a
‘1’ to the appropriate channel(s) (bits D7-D0).
The DEPLOY_STATUSx bit will become ‘1’ when there is a valid Arm and Fire sequence for
the corresponding channel. The DEPLOY_STATUSx bit transitioning from a ‘0’ to a ‘1’ does
not depend on the state of the FEN function. It will become ‘0’ when time out has expired.
Depending on the state of FEN the DEPLOY_STATUSx flag could be ‘1’ for a minimum of 1x
tDEPLOY and a maximum of up to 2 x tDEPLOY (see Figure 8.). The Deployment status is
captured on the falling edge of CS_D.
Bit D8 is used to select the meaning of bit D7 through bit D0 in the status response
message. When this bit is set to ‘1,’ bits D7 through D0 in the status response message will
report the state of the DEPLOY_STATUSx flag.
When this bit is ‘0,’ bit D7 through bit D0 in the status response message will report the
DEPLOY_SUCCESSx flag. The following table shows the conditions for the
DEPLOY_STATUSx flag and the DEPLOY_SUCCESSx flag.
Once the Deploy Success Flag is set, it will inhibit the subsequent deployment command
until a SPI command to clear this deployment success flag is received. Bits D7 through bit
D0 are used to clear/keep the deploy success flag. When these bits are set to ‘1,’ the flag
can be cleared. Otherwise, the state of these flags is not affected. The Success flag must
be cleared to allow re-activation of the drivers
D2
0
Keep Deploy Success Flag Channel 2
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS2 or
DEPLOY_SUCCESS2
1
Clear Deploy Success Flag Channel 2
D1
0
Keep Deploy Success Flag Channel 1
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS1 or
DEPLOY_SUCCESS1
1
Clear Deploy Success Flag Channel 1
D0
0
Keep Deploy Success Flag Channel 0
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS0 or
DEPLOY_SUCCESS0
1
Clear Deploy Success Flag Channel 0
Table 26.
MOSI diagnostic mode 1 bit definition
Bit
MOSI Command
MISO Response
State
Description
Table 27.
DEPLOY_STATUSx flag and the DEPLOY_SUCCESSx flag conditions
DEPLOY_STATUSx flag
DEPLOY_SUCCESSx flag
Description
0
0
No Deployment in process or has been
initiated since POR or since last Clear of
Success flag
0
1
Deployment has successfully completed
1
0
Deployment in process
1
1
Deployment terminated / LSD shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com