Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 20Page - STMicroelectronics L9659 Datasheet HTML 21Page - STMicroelectronics L9659 Datasheet HTML 22Page - STMicroelectronics L9659 Datasheet HTML 23Page - STMicroelectronics L9659 Datasheet HTML 24Page - STMicroelectronics L9659 Datasheet HTML 25Page - STMicroelectronics L9659 Datasheet HTML 26Page - STMicroelectronics L9659 Datasheet HTML 27Page - STMicroelectronics L9659 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Functional description
L9659
24/51
Doc ID 022048 Rev 2
During the first write, when the drivers are armed, all diagnostic functions are cleared. The
FIRE command must follow the ARM command along with the FEN function active for driver
activation. If a command is between the ARM and FIRE command then the sequence must
be restarted. An error response will be received for the Fire command if the ARM/FIRE
sequence is not followed.
The ARM/FIRE commands and FEN function are independent from each other. The L9659
will begin the tDEPLOY timer once a valid ARM/FIRE sequence has been received. If a valid
ARM/FIRE command has been sent and the FEN function is inactive then the drivers will not
be activated but the tDEPLOY timer will start. If the FEN function becomes active before
tDEPLOY has expired then the drivers will become active for the full tDEPLOY time. If the FEN
does not become active before tDEPLOY has expired then the sequence would need to be
restarted. A diagram illustrating this is shown in Figure 8.
Figure 8.
Driver activation timing diagram
Only the channels selected in the ARM and, directly following, the FIRE command will be
able to be activated.
By reading the appropriate registers a status of the deployment is provided. If a valid
Arm/Fire sequence has been provided the status flag will become active. This flag will
remain active for as long as the TDEPLOY timer is counting. Depending on the state of the
FEN function the DEPLOY_STATUS flag will be active a minimum of TDEPLOY and a
maximum of 2 x TDEPLOY. If driver activation did occur (both a valid Arm/Fire sequence and
the appropriate FEN function active within the appropriate time) then the
DEPLOY_SUCCESS flag will be active following the completion of the driver activation
period. This flag will be active until cleared by software. If a valid Arm/Fire sequence did
occur but the FEN function was never activated within the TDEPLOY time then the
DEPLOY_SUCCESS flag will remain ‘0’.
Once the Deploy Success Flag is set, it will inhibit the subsequent deployment command
until a SPI command to clear this deployment success flag is received. Bits D7 through bit
D0 are used to clear/keep the deploy success flag. When these bits are set to ‘1,’ the flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com