Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 13Page - STMicroelectronics L9659 Datasheet HTML 14Page - STMicroelectronics L9659 Datasheet HTML 15Page - STMicroelectronics L9659 Datasheet HTML 16Page - STMicroelectronics L9659 Datasheet HTML 17Page - STMicroelectronics L9659 Datasheet HTML 18Page - STMicroelectronics L9659 Datasheet HTML 19Page - STMicroelectronics L9659 Datasheet HTML 20Page - STMicroelectronics L9659 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
L9659
Electrical specifications
Doc ID 022048 Rev 2
17/51
2.4.3
SPI timing
All SPI timing is performed with a 150 pF load on MISO unless otherwise noted
4.9V
 V
DD  5.1V; 7V  VRESX  37V; 7V  VSDIAG  37V; FEN1 = FEN2 = FEN3 = FEN4 =
VDD; R_REF = 10K, ±1%, 100PPM; -40°C  TA  +95°C; C_VRES0_1  68nF;
C_VRES2_3
 68nF; C_VRES4_5  68nF; C_VRES6_7  68nF; unless other specified.
.
Table 8.
SPI timing - DC electrical characteristics
No.
Symbol
Parameter
Min.
Typ.
Max.
Unit
-
fop
Transfer frequency
dc
-
5.50
MHz
1
tSCK
SCLK Period
181
-
-
ns
2
tLEAD
Enable Lead Time
65
-
-
ns
3
tLAG
Enable Lag Time
50
-
-
ns
4
tSCLKHS
SCLK, High Time
65
-
-
ns
5
tSCLKLS
SCLK, Low Time
65
-
-
ns
6
tSUS
MOSI, Input Setup Time
20
-
-
ns
7
tHS
MOSI, Input Hold Time
20
-
-
ns
8
tA
MISO, Access Time
-
-
60
ns
9
tDIS
(1)
MISO, Disable Time
-
-
100
ns
10
tVS
MISO, Output Valid Time
-
-
60
ns
11
tHO (1)
MISO, Output Hold Time
0
-
-
ns
12
tRO
Rise Time (Design Information)
-
-
30
ns
13
tFO
Fall Time (Design Information)
-
-
30
ns
14
tCSN
CS_D, Negated Time
640
-
-
ns
15
tCLKN
Time between CS rising edge and first transition
of SCLK must be higher than tCLKN. It happens
when multiple devices are connected to the
same SCLK and MOSI but with different chip
select.
500
-
-
ns
1.
Parameters tDIS and tHO shall be measured with no additional capacitive load beyond the normal test fixture capacitance
on the MISO pin. Additional capacitance during the disable time test erroneously extends the measured output disable
time, and minimum capacitance on MISO is the worst case for output hold time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com