Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 25Page - STMicroelectronics L9659 Datasheet HTML 26Page - STMicroelectronics L9659 Datasheet HTML 27Page - STMicroelectronics L9659 Datasheet HTML 28Page - STMicroelectronics L9659 Datasheet HTML 29Page - STMicroelectronics L9659 Datasheet HTML 30Page - STMicroelectronics L9659 Datasheet HTML 31Page - STMicroelectronics L9659 Datasheet HTML 32Page - STMicroelectronics L9659 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
29/51
equation shown in the parametric table. The L9659 is also capable of improving the
tolerance at resistances below 3.5 Ohms by removing the offset of the differential
comparator. This method works taking the single ended analog output results for a channel
(VAOUT with AMC bit=0) and subtracting the internal comparator offset measurement of
VAOUT_CAL (VAOUT with AMC bit=1). The summary of the equation for this is as follows:
AOUT_CAL = (VAOUT – VAOUT_CAL)/VDD
AOUT_CAL typical = 0.08 x RSQUIB
High squib resistance diagnostics
During a high squib resistance diagnostic, VRCM and ISINK are switched ON and
connected to SQHx and SQLx on the selected channel. Current flowing on SQHx will be
measured and compared to IHR threshold to identify if resistance is above or below
RSQHZ. The results will be reported in the next SPI message. Once the command is issued
the state of the squib resistance will be valid after THSR captured on the next falling edge of
CS_D. The voltage source for this test will be VBIAS which is based on the VDD supply.
A way to reduce the time required until valid results are available is to perform a leakage
diagnostics prior to this test. The leakage diagnostics will bias the voltage on the squibs to
around 3.5V, which is the same bias voltage required for the high squib resistance
diagnostic. By following running this sequence of diagnostics will reduce the test time to
from 1.5ms to 200µs.
High and low side FET diagnostics
Prior to either the HS or LS FET diagnostics being run it is required to have the VRCM
switched ON. Running the leakage diagnostics with the appropriate delay time prior to either
the HS or LS FET diagnostics can do this. When the FET diagnostic command is issued the
flags will initially be cleared. If the VRMC is not active or some leakage is present then the
MOS will not be turned ON, the test will be aborted and Fault Present (FP) bit will be set.
The FEN function must be inactive to run test. The test will not start if FEN function is active
on channel under test and it will result in the Fault Present (FP) bit to set.
If no leakage is present and FEN function is inactive, the MOS (High side or Low Side) is
turned ON. The L9659 will monitor the current sink or sourced by VRCM. If the MOS is
working properly, this current will exceed ISTB (HS test) or ISTG (LS test) and the L9659 will
turn off the driver under test within the specified time TSHUTOFF. If the current does not
exceed ISTB or ISTG then the test will be terminated and the MOS will be switched off by
the L9659 within TFETTIMEOUT. During the TFETTIMEOUT period the FET Timeout bit will be
set (FT=1) and will be cleared at the expiration of the timer.
The results must be compared with the leakage diagnostic results to distinguish between a
real leakage/short versus a FET fault. For high side FET diagnostics if no faults were
indicated in the preceding leakage diagnostics then a normal result would be STB=1;STG=0
(with FT=0;FP=0). If the returned results for the high side FET test is not STB=1;STG=0
(with FT=0;FP=0) then either the FET is not functional, a short occurred during the test, or
there is a missing VRESx connection for that channel. For low side FET diagnostics if no
faults were indicated in the preceding leakage diagnostics then a normal result would be
STB=0;STG=1 (with FT=0;FP=0). If the returned results for the low side FET test is not
STB=0;STG=1 (with FT=0;FP=0) then either the FET is not functional, a short occurred
during the test, or there is a missing GNDx connection for that channel. If the test is in
progress then a bit (FT) is used in the response to indicate this status.
Once the command is issued, output of comparators will be latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com