Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 16Page - STMicroelectronics L9659 Datasheet HTML 17Page - STMicroelectronics L9659 Datasheet HTML 18Page - STMicroelectronics L9659 Datasheet HTML 19Page - STMicroelectronics L9659 Datasheet HTML 20Page - STMicroelectronics L9659 Datasheet HTML 21Page - STMicroelectronics L9659 Datasheet HTML 22Page - STMicroelectronics L9659 Datasheet HTML 23Page - STMicroelectronics L9659 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Functional description
L9659
20/51
Doc ID 022048 Rev 2
3.2.3
Reference resistor
IREF pin shall be connected to VDD supply through a resistor, RIREF. When the L9659
detects the resistor on IREF pin is larger than RIREF_H or smaller than RIREF_L, it goes
into a reset condition. All outputs are disabled and all internal registers are reset to their
default conditions.
3.2.4
Loss of ground
GND
When the GND pin is disconnected from PC-board ground, the L9659 goes in reset
condition. All outputs are disabled and all internal registers are reset to their default
conditions.
GND0-GND7
A loss of power-ground (GND0 – GND7) pin/s disables the respective low side driver/s on
SQLx. However, the high side driver of the respective channel will still be able to be turned
on. Thus under the scenario where the low side is shorted to ground the L9659 will be able
to provide the programmed firing current for the specified time.
An open GNDx connection on any channel has no affect on the other channels. An open
GNDx condition will be detected using the low side MOS diagnostics.
AGND
The AGND pin is a reference for AOUT pin. When AGND loses its connection, the voltage
on AOUT pin is pulledup to VDD voltage and L9659 goes in reset condition. All outputs are
disabled and all internal register are reset to their default conditions.
3.2.5
VRESx capacitance
To ensure all diagnostics function properly a typical capacitor of equal to or greater than
68nF is required close to the firing supply pins. Thus minimum of 4 capacitors are required
with one placed close to the VRES0 and VRES1 pins and a second capacitor will be close
to the VRES2 and VRES3 pins and a third capacitor will be close to the VRES4 and VRES5
pins and a forth capacitor will be close to the VRES6 and VRES7 pins.
3.2.6
Supply voltages
The primary current sources for the different functions of the ASIC are as follows:
●
VRESx - Firing currents along with HSS and HS FET diagnostic currents
●
VSDIAG - Squib resistance and HSS diagnostics
●
VDD will be used for all internal functions as well as short to battery/ground and high
squib resistance diagnostics.
3.2.7
Ground connections
GND pin (6) is not connected internally to other ground pins (AGND or power ground
GNDx). A ground plane is needed to directly connect the GND pin. This ground plane needs
to be isolated from the high current ground for the squib drivers to prevent voltage shifts.
AGND pin should be connected to ground plane too to minimize drop versus ground
reference of ADC that capture AOUT voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com