Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 31Page - STMicroelectronics L9659 Datasheet HTML 32Page - STMicroelectronics L9659 Datasheet HTML 33Page - STMicroelectronics L9659 Datasheet HTML 34Page - STMicroelectronics L9659 Datasheet HTML 35Page - STMicroelectronics L9659 Datasheet HTML 36Page - STMicroelectronics L9659 Datasheet HTML 37Page - STMicroelectronics L9659 Datasheet HTML 38Page - STMicroelectronics L9659 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
35/51
Bits [D9:D8]
Bits are used to set the period of the FEN latch timer. The L9659 has
4 independent timers. A valid FENx input will start the pulse stretch
timer. These bits will set the timer duration. These values default to
‘00’ after a POR event.
Deployment commands
The deployment mode is used to activate the drivers. Two consecutive commands are
required to activate the drivers. Any combination of channels can be fired as long as the
prerequisite conditions are met as indicated in the previous section.
The SPI message definition for MOSI commands and MISO responses in Deployment Mode
are defined below.
D9
-
FEN latch time
00 = 0ms (default)
01 = 128ms
10 = 256ms
11 = 512ms
Internal Stored Value FEN latch bits
D8
D7 – D0
0
-
See above
Table 17.
Configuration mode 2
Bit
MOSI command
MISO response
State
Description
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Deployment Mode 1
0
1
P
1
1
0
0
1
0
0
0
0
Arming Channel Select
MISO Response for Deployment Mode 1
0
1
P
1
1
0
0
1
0
0
0
0
Armed Channels
MOSI Command for Deployment Mode 2
0
1
P
0
0
0
0
0
0
0
0
0
Firing Channel Select
MISO Response for Deployment Mode 2
0
1
P
0
0
0
0
0
0
0
0
0
Channels activated or
channels waiting for FEN
input
Table 18.
Deployment mode 1 bit definition
Bit
MOSI command
MISO response
State
Description
D15
0
Mode Bits
See above
D14
1
See above
D13
-
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12 – D8
-
Arm pattern
See above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com