Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 26Page - STMicroelectronics L9659 Datasheet HTML 27Page - STMicroelectronics L9659 Datasheet HTML 28Page - STMicroelectronics L9659 Datasheet HTML 29Page - STMicroelectronics L9659 Datasheet HTML 30Page - STMicroelectronics L9659 Datasheet HTML 31Page - STMicroelectronics L9659 Datasheet HTML 32Page - STMicroelectronics L9659 Datasheet HTML 33Page - STMicroelectronics L9659 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Functional description
L9659
30/51
Doc ID 022048 Rev 2
On the next falling edge of CS_D, comparator latched data are captured and reported to
MISO response. The results will remain latch until the next test is initiated (diagnostic write
command). If the test is in progress then a bit is used in the response to indicate the test
completion. If the FET under test is working properly then the results will indicate a “Short to
Ground” for LS test and “Short to Battery” for HS test. If a leakage is present prior to the test
or FENx is asserted then both “Short to Ground” and Short to Battery” will be indicated in
the response for either a LS or HS FET test.
For all conditions the current on SQHx/SQLx will never exceed ISVRCM. On the squib lines
there will be highertransient currents due to the presence of the filter capacitor.
High side safing diagnostics
When the command is received the L9659 will activate IHSS on the selected VRESx. The
diagnostics will measure the difference between VSDIAG and VRESx. The internal
comparator will detect open, short or normal condition based on the differential voltage
between VSDIAG and VRESx.
The results will be reported in the next SPI message using bits HSS1 and HSS0 as
indicated in the following table. Once the command is issued the voltages will be captured
on the next falling edge of CS_D.
Voltage measurement diagnostics (VRESx)
When the command is received the L9659 will activate a comparator for the selected
channel. A 2 bit indication of the state of the VRESx pins will be reported as indicated below.
The results will be reported in the next SPI message. Once the command is issued the
voltages will be captured on the next falling edge of CS_D.
Loss of power ground
When any of the power grounds (GND0 – 7) are lost, no deployment can occur on the
respective deployment channels because the low side driver will be inactive. The high side
driver for the respective channel can still be activated.
A loss of ground condition on one or several channels will not affect the operation of the
remaining channels. When a loss of ground condition occurs, the source of the low side
MOS will be floating. In this case, no current will flow through the low side driver.
Table 12.
Diagnostic Mode HSS selection
Condition
HSS1
HSS0
(VSDIAG-VRESx) < VHSSSHORT_th
0
0
VHSSSHORT_th < (VSDIAG-VRESx) < VHSSOPEN_th
0
1
VHSSOPEN_th < (VSDIAG-VRESx)
1
1
Table 13.
Diagnostic mode 3 VRESx selection
Condition
VR1
VR0
VRESx < VVRESXLO_th
0
0
VVRESXLO_th < VRESx < VVRESXHI_th
0
1
VVRESXHI_th < VRESx
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com