Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 27Page - STMicroelectronics L9659 Datasheet HTML 28Page - STMicroelectronics L9659 Datasheet HTML 29Page - STMicroelectronics L9659 Datasheet HTML 30Page - STMicroelectronics L9659 Datasheet HTML 31Page - STMicroelectronics L9659 Datasheet HTML 32Page - STMicroelectronics L9659 Datasheet HTML 33Page - STMicroelectronics L9659 Datasheet HTML 34Page - STMicroelectronics L9659 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
31/51
This condition will be detected as a fault by a low side MOS diagnostic. No additional faults
will be reported from any other diagnostic due to this condition.
3.4.5
SPI register definition for squib functions
The SPI provides access to read/write to the registers internal to the L9659. All commands
and responses sent to/from the L9659 on SPI will use set D13 as required for odd parity on
the 16 bit word. The responses to the commands are sent in the next valid CS_D.
The table below summarizes the MISO register mode response of various events and MOSI
messages. After POR event, RESETB negated, and loss of GND, the L9659 sends 0x0000
in MISO for the first SPI transmission.
The MISO response shown here is the one received in the next valid SPI transmission after
each event or MOSI write.
Note: X in software reset response interpreted as follows: D11=1;D10=0;D9:D8=CL bits
The SPI fault responses (0xD000 or 0xD003) indicate a fault in the last MOSI transmission.
The L9659 uses the parity bit to determine the integrity of the MOSI command transmission.
Table 14.
MISO responses to various events
Event/MOSI message
MISO response
MOSI Parity error or unrecognized command
0xD000
MOSI transmission - Incorrect number of clocks/bits
0xD003
Incorrect firing sequence received (Firing Command without
a valid Arm Command)
0xD005
Error due to message not allowed during deployment
0xD009
POR
0x0000
RESETB
0x0000
LOSS OF gnd
0x0000
RIREF out of range
0x0000
MOSI Write Soft Reset: $AA
0x1X02
MOSI Write Soft Reset: $55 (after $AA)
0x2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com