Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 21Page - STMicroelectronics L9659 Datasheet HTML 22Page - STMicroelectronics L9659 Datasheet HTML 23Page - STMicroelectronics L9659 Datasheet HTML 24Page - STMicroelectronics L9659 Datasheet HTML 25Page - STMicroelectronics L9659 Datasheet HTML 26Page - STMicroelectronics L9659 Datasheet HTML 27Page - STMicroelectronics L9659 Datasheet HTML 28Page - STMicroelectronics L9659 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
25/51
can be cleared. Otherwise, the state of these flags is not affected. The Success flag must be
cleared to allow re-activation of the drivers.
During driver activation the respective high side (SQHx) and low side (SQLx) drivers will turn
on for tDEPLOY.
L9659 driver activation will not occur or, if firing is in process, will terminate under the
following conditions:
●
Power On Reset (POR)
●
IREF resistance is larger than RIREF_H or smaller than RIREF_L
●
Loss of ground condition on GND pin
The following conditions are ignored when driver activation is in-progress:
●
RESETB
●
Valid soft reset sequences
●
SPI commands except as noted below. Response for ignored commands will be
0xD009
●
FEN function
The following table shows the response when sending SPI commands during deployment.
Note 1: SPI MISO sent in the next SPI transmission.
The L9659 can only deploy a channel when the FEN function is active. Once the drivers are
active the L9659 will keep the drivers on for the required duration regardless of the FEN
state. Once complete a status bit will be set to indicate firing is complete.
3.4.2
Firing current measurement
All channels have a 7 bit current measurement register that is used to measure the amount
of time the current is above IMEAS during firing. The maximum measurement for each
channel is 3.175ms nominal based on a bit weight of 25µs. The current measurement
register will not increment outside the deployment time. The current measurement will begin
incrementing once the current has exceeded 95% of the nominal target value. The count will
continue to increment from the stored value until either a clear command has been issued
for that channel or all ‘1’s are present in the corresponding channel measurement register. If
all ‘1’s are present for a channel’s measurement register and another firing sequence has
been issued the register will remain all ‘1’s. Only if a clear command has been issued will
that particular register be reset to all ‘0’s. All other channels shall keep the stored
measurement count. During firing the current measurement register cannot be cleared.
After a clear command has been issued for a channel then the channel is ready to count if
Table 10.
SPI MOSI/MISO response
SPI MOSI
SPI MISO
Response
Configuration
Commands
SPI fault response
MOSI register mode messages will be ignored
Deployment Commands Command mode
Execute for channels not in deployment; no effect
to deploying channel
Diagnostic Commands
SPI fault response
MOSI diagnostic mode messages will be ignored
Monitor Commands
Status response
Execute for all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com