Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9659 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9659
Description  Octal squib driver ASIC for safety application
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9659 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9659 Datasheet HTML 39Page - STMicroelectronics L9659 Datasheet HTML 40Page - STMicroelectronics L9659 Datasheet HTML 41Page - STMicroelectronics L9659 Datasheet HTML 42Page - STMicroelectronics L9659 Datasheet HTML 43Page - STMicroelectronics L9659 Datasheet HTML 44Page - STMicroelectronics L9659 Datasheet HTML 45Page - STMicroelectronics L9659 Datasheet HTML 46Page - STMicroelectronics L9659 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
L9659
Functional description
Doc ID 022048 Rev 2
43/51
Monitor commands
Monitor Mode 1
Monitor mode main information:
●
Deployment status
The SPI message definition for MOSI commands and MISO responses in Monitor Mode 1
are defined below.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MOSI Command for Monitor Mode 1
1
1
P
0
0
0
0
DS
Channel Selection Status Request
MISO Response for Monitor Mode 1
1
1
P
0
0
0
0
DS
Channel Status
Table 26.
MOSI diagnostic mode 1 bit definition
Bit
MOSI Command
MISO Response
State
Description
D15
1
Mode bits
See above for state
D14
1
See above for state
D13
Odd Parity – Includes all 16 bits
Odd Parity – Includes all 16 bits
D12
0
-
See above for state
D11
0
Monitor Mode selection bits
See above for state
D10
0
Monitor Mode selection bits
See above for state
D9
0
-
See above for state
D8
0
Report Deploy Success Flag (default)
Internal state of report setting
1
Report Deploy Status
D7
0
Keep Deploy Success Flag Channel 7
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS7 or
DEPLOY_SUCCESS7
1
Clear Deploy Success Flag Channel 7
D6
0
Keep Deploy Success Flag Channel 6
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS6 or
DEPLOY_SUCCESS6
1
Clear Deploy Success Flag Channel 6
D5
0
Keep Deploy Success Flag Channel 5
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS5 or
DEPLOY_SUCCESS5
1
Clear Deploy Success Flag Channel 5
D4
0
Keep Deploy Success Flag Channel 4
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS4 or
DEPLOY_SUCCESS4
1
Clear Deploy Success Flag Channel 4
D3
0
Keep Deploy Success Flag Channel 3
(default)
Deploy Information for channel based on bit D8
Will Either be DEPLOY_STATUS3 or
DEPLOY_SUCCESS3
1
Clear Deploy Success Flag Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com