Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 2Page - STMicroelectronics STCC2540 Datasheet HTML 3Page - STMicroelectronics STCC2540 Datasheet HTML 4Page - STMicroelectronics STCC2540 Datasheet HTML 5Page - STMicroelectronics STCC2540 Datasheet HTML 6Page - STMicroelectronics STCC2540 Datasheet HTML 7Page - STMicroelectronics STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics STCC2540 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Absolute maximum ratings and operating conditions
STCC2540
6/32
DocID024711 Rev 6
3
Absolute maximum ratings and operating conditions
Stressing the device beyond the rating listed in Table 2: Absolute maximum ratings (AMR)
may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated in Table 3:
Operating conditions is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 2. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VIN, VOUT
Supply voltage
-0.3 to 6.5
V
VEN, VCTLx
Logical input voltage
-0.3 to 6.5
VFAULT, VCHARGING
Pull-up voltage (FAULT, CHARGING)
-0.3 to 6.5
VDP_OUT, VDM_OUT,
VDP_IN, VDM_IN
Data switch pin voltage to ground
-0.3 to VIN +0.3
IDP_OUT, IDM_OUT, IDP_IN,
IDM_IN
Data switch current, switch ON
±50
mA
IO(OUT)
Maximum power switch output current, power switch ON
Internally limited
-
IO(FAULT), IO(CHARGING) Logical output sink current
25
mA
TSTG
Storage temperature (VIN OFF)
-55 to +150
°C
TSLD
Lead solder temperature for 10 seconds temperature
(VIN OFF)(1)
260
Rthja
Thermal resistance junction-to-ambient VFQFPN 16L(2)
60
°C/W
Tj
Maximum junction temperature (internally limited)
-40 to TSTOP
°C
VESD(OUT, DP_IN, DM_IN)
IEC61000-4-2 contact discharge
(OUT, DP_IN, DM_IN pins)
8
kV
VESD
JEDEC human body model (all pins)(3)
2
JEDEC machine model (all pins)
200
V
1. Reflow at temperature of 255 to 260 °C for time < 30 seconds (total thermal budget not to exceed
180 °C for a period from 90 to 150 seconds).
2. Rth are typical values, given when mounted on a 4-layer PCB with vias.
3. Measured in recommended application circuit with 1
μF ceramic capacitor + 150 μF low ESR electrolytic capacitor
connected between OUT and GND pins (see Figure 4: Typical application diagram).
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VIN
Supply voltage
4.5 to 5.5
V
TA
Ambient operating temperature
-40 to +85
°C
TJ
Junction operating temperature
-40 to +125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com