Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 9Page - STMicroelectronics STCC2540 Datasheet HTML 10Page - STMicroelectronics STCC2540 Datasheet HTML 11Page - STMicroelectronics STCC2540 Datasheet HTML 12Page - STMicroelectronics STCC2540 Datasheet HTML 13Page - STMicroelectronics STCC2540 Datasheet HTML 14Page - STMicroelectronics STCC2540 Datasheet HTML 15Page - STMicroelectronics STCC2540 Datasheet HTML 16Page - STMicroelectronics STCC2540 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID024711 Rev 6
13/32
STCC2540
Application information
32
5.2
Remote wakeup in S3
For more information refer to Section 5.4: State machine.
If the CTLx pins are controlled by hardware signals (such as SLP_Sx# or SUSPEND), the
CTLx combination changes when host transitions from S0 to S3 and back. In this case, the
STCC2540 device can support remote wakeup of portable devices for the following
transitions (i.e. no VBUS discharge pulse and data switch ON):
•
SDP S0 (CTLx = 110) to and from SDP S3 (CTLx = 010) for all USB devices
•
SDP (CTLx = x10) and CDP S0 (CTLx = 111) to and from CDP S3 (CLx = 011) for low-
speed USB devices only.
If the host system is in S3 mode (CTLx = 011), the system automatically turns into DCP auto
mode for already attached full-speed / high-speed USB devices or after any USB device is
detached. Thus, already attached full-speed / high-speed devices or newly attached devices
are charged without the need of CTLx transition.
If the S0 to S3 transition is managed by GPIO from the embedded controller, the easiest
solution is to keep the same levels on the CTLx pins (SDP or CDP modes). Therefore,
remote wakeup in S3 is supported for all USB devices but the system does not
automatically turn into DCP auto mode.
5.3
VBUS discharge
The VBUS discharge pulse lasts for 350 ms typ. (tVBUS_REAPP) and is performed for any
transitions between the modes listed in Table 5, except the modes allowing remote wakeup
in S3 [transitions (x10) and (111) to/from (011)] (see Section 5.4).
Permanent output discharge is provided in following modes:
•
EN = 0, CTLx = xxx (ignored)
•
EN = 1, CTLx = 000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com