Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 3 Page - STMicroelectronics

  STCC2540 Datasheet HTML 1Page - STMicroelectronics STCC2540 Datasheet HTML 2Page - STMicroelectronics STCC2540 Datasheet HTML 3Page - STMicroelectronics STCC2540 Datasheet HTML 4Page - STMicroelectronics STCC2540 Datasheet HTML 5Page - STMicroelectronics STCC2540 Datasheet HTML 6Page - STMicroelectronics STCC2540 Datasheet HTML 7Page - STMicroelectronics STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DocID024711 Rev 6
3/32
STCC2540
Functional description
32
1
Functional description
The STCC2540 device integrates, in one package, a complete solution to charge portable
devices through USB ports, including:
•
Charger emulator compatible with USB battery charging BC1.2 standard, Chinese
telecommunications standard YD/T 1591-2009 and proprietary charger such as Apple®
divider mode, BlackBerry® and Korean tablet charging mode.
•
3 control pins, CTL1, CTL2, CTL3 allowing the host to select the emulation profile.
These pins may be controlled directly from the host USB controller or from the
embedded controller.
•
USB data switch with wide bandwidth up to 1100 MHz compliant with USB 2.0
standard. This wide bandwidth switch features low capacitance and low RON
resistance, allowing signals to pass with minimum edge and phase distortion.
•
N-channel power switch with low RON resistance of 65 mΩ typ., high current limiter
accuracy and high current output capability, 2.5 A typ. The current limit threshold can
be adjusted with a good accuracy by an external resistor in the range 500 mA to 2.8 A
(max.).
Constant current mode protection is used to protect the device and the host system
against overcurrent or short-circuit. Other protection includes reverse current and
reverse voltage protection, undervoltage lockout and thermal shutdown.
•
A deglitched output (FAULT) reporting the failure events of overcurrent, thermal
shutdown and reverse current (backdrive) to VIN.
•
Charging current sensing circuit. The output CHARGING is asserted if charging current
is above 20 mA in CDP and DCP modes.
In CDP mode the charging flag is s asserted only if the CDP handshaking between the
portable device and the host is performed before the current is above threshold.
After the current drops below threshold, the output CHARGING is deasserted. The host
system can then disable the high power DC-DC converter and thus reduce the power
consumption. This is crucial when the host is battery supplied.
•
An enable input (EN) to enable/disable the device.
The device is offered in a small, RoHS compliant VFQFPN 16L (3 x 3 x 0.8 mm) package
with an exposed pad for effective cooling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com