Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 6Page - STMicroelectronics STCC2540 Datasheet HTML 7Page - STMicroelectronics STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics STCC2540 Datasheet HTML 10Page - STMicroelectronics STCC2540 Datasheet HTML 11Page - STMicroelectronics STCC2540 Datasheet HTML 12Page - STMicroelectronics STCC2540 Datasheet HTML 13Page - STMicroelectronics STCC2540 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Electrical characteristics
STCC2540
10/32
DocID024711 Rev 6
Figure 3. Timing waveforms
Charger emulator - control pins CTLx
VCTLx
CTLx pins threshold voltage
0.4
1.6
V
VHYST(CTLx)
Hysteresis voltage on CTLx
pins
500
mV
ICTLx
Leakage current
VIN = 5.5 V, VCTLx = 0 V or 5 V
-1
1
µA
Charger emulator - charging indication
IOUT_TH
Output current threshold for
charging detection
DCP mode, CDP mode
20
mA
VOL(CHARGING)
CHARGING output low
voltage
Charging detected
(IOUT > IOUT_TH),
ICHARGING = 1 mA
180
mV
IOL(CHARGING)
CHARGING output leakage
current
VIN = 5.5 V, VCHARGING = 5 V
1
µA
1. Guaranteed by design. Not tested in production.
Table 4. Electrical characteristics VIN = 4.5 to 5.5 V, -40 °C < TJ < 125 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com