Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 5 Page - STMicroelectronics

  STCC2540 Datasheet HTML 1Page - STMicroelectronics STCC2540 Datasheet HTML 2Page - STMicroelectronics STCC2540 Datasheet HTML 3Page - STMicroelectronics STCC2540 Datasheet HTML 4Page - STMicroelectronics STCC2540 Datasheet HTML 5Page - STMicroelectronics STCC2540 Datasheet HTML 6Page - STMicroelectronics STCC2540 Datasheet HTML 7Page - STMicroelectronics STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DocID024711 Rev 6
5/32
STCC2540
Pin description
32
2
Pin description
Table 1. Pin description
Pin no.
Name
Type
Description
1
IN
PWR Device and USB port power supply input
2, 3
DM_OUT, DP_OUT
I/O
USB 2.0 data connection to system USB transmitter (DM = D-, DP = D+)
4
NC
-
Not connected
5EN
I
Logic level control input. When EN is low, power switch, data switch and
emulator are OFF.
6, 7, 8
CTL1, CTL2, CTL3
I
Logic level control inputs to select charger mode (see Table 5).
9
CHARGING
O
Active low open drain output, asserted when charging current is detected.
10, 11
DP_IN, DM_IN
I/O
USB 2.0 data connection to system USB connector (DM = D-, DP = D+)
12
OUT
PWR USB port power supply output (VBUS)
13
FAULT
O
Active low open drain output, asserted when overcurrent, overtemperature
or reverse voltage are detected.
14
GND
-
Ground
15
NC
-
Not connected
16
ILIM
I
Current limit threshold programming resistor terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com