Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 12Page - STMicroelectronics STCC2540 Datasheet HTML 13Page - STMicroelectronics STCC2540 Datasheet HTML 14Page - STMicroelectronics STCC2540 Datasheet HTML 15Page - STMicroelectronics STCC2540 Datasheet HTML 16Page - STMicroelectronics STCC2540 Datasheet HTML 17Page - STMicroelectronics STCC2540 Datasheet HTML 18Page - STMicroelectronics STCC2540 Datasheet HTML 19Page - STMicroelectronics STCC2540 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Application information
STCC2540
16/32
DocID024711 Rev 6
FAULT functionality
The FAULT open drain active low output is asserted during overcurrent or overtemperature
conditions. Signal is asserted until the fault is removed.
For overcurrent conditions, the STCC2540 device is designed to eliminate false FAULT
reporting, by using an internal deglitch delay (9 ms typ.).
In the case of overtemperature, there is no deglitch delay and the FAULT signal is asserted
immediately. It is deasserted with a delay after the device has cooled down and begins to
turn on. This unidirectional glitch immunity prevents FAULT oscillation during an
overtemperature event.
In the case of a fault condition, the host may disable the power switch by toggling EN input
to logic low.
Current limit programming
The current limit can be adjusted by an external resistor in the range 500 mA to 2.8 A
(max.). The programming resistor may be calculated using these equations:
Equation 1
Equation 2
Equation 3
Equation 2 and Equation 3 allow the minimum and maximum variation to be estimated
around the typical value predefined by the external resistor, RILIM, given in Equation 1.
Equation 2 and Equation 3 do not take into consideration external resistor variations.
5.7
Enable input
The enable input (EN, active high) serves to turn off the STCC2540 device and achieve the
lowest current consumption.
The behavior of the STCC2540 in disabled state (EN = 0) is following:
•
Power switch, USB data switch and emulation profiles are turned off
•
Output discharge circuit is turned on
•
The FAULT and CHARGING flags are cleared (the FAULT and CHARGING outputs are
set to Hi-Z mode).
IOS typ
()
48000
RILIM
----------------
=
mA k
Ω
,
()
IOS min
()
48000
RILIM
1.037
--------------------------
=
mA k
Ω
,
()
IOS max
()
48000
RILIM
0.962
--------------------------
=
mA k
Ω
,
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com