Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 11Page - STMicroelectronics STCC2540 Datasheet HTML 12Page - STMicroelectronics STCC2540 Datasheet HTML 13Page - STMicroelectronics STCC2540 Datasheet HTML 14Page - STMicroelectronics STCC2540 Datasheet HTML 15Page - STMicroelectronics STCC2540 Datasheet HTML 16Page - STMicroelectronics STCC2540 Datasheet HTML 17Page - STMicroelectronics STCC2540 Datasheet HTML 18Page - STMicroelectronics STCC2540 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
DocID024711 Rev 6
15/32
STCC2540
Application information
32
5.5
Charging detection
The STCC2540 device continuously monitors the current drawn by the portable device.
While programmed in CDP or DCP mode, the STCC2540 device sends a charging flag to
the system if the current through the USB power switch is above the charging threshold, set
at 20 mA typ.: open drain active low output CHARGING is asserted.
Note:
In CDP mode, the charging flag is asserted only if the CDP handshaking between the
portable device and the host is performed before the current is above the threshold.
If a device is charging (CDP mode) while the system is turned off and the battery supplied,
the risk is that the charging process stops before the end of charge due to the system
power-off. To avoid this, the flag CHARGING can be used by the host to prevent the
switching-off of the high power DC-DC converter when the host goes to S5 state, even if
battery supplied.
After the charging current drops below the threshold and the deglitch delay expires, the
CHARGING output is deasserted.
5.6
Power switch
Overcurrent conditions
When an overcurrent condition is detected, the device maintains a constant output current
and reduces the voltage accordingly. There are two overload conditions:
•
The first occurs when a short-circuit or a partial short-circuit is already present when
the device is being powered-up or enabled. The output voltage is held near zero
potential with respect to ground and the STCC2540 device ramps the output current to
IOS until the overload condition is removed or the device starts thermal cycle.
•
The second condition is when a short-circuit, a partial short-circuit, or a transient
overload occurs while the device is already enabled and powered-on. The STCC2540
device responds to an overcurrent condition within time tIOS. The current-sense
amplifier is overdriven during this time and momentarily disables the internal current
limit MOSFET. It then recovers and ramps the output current to IOS. Similar to previous
conditions, it limits output current to IOS until the overload condition is removed or
thermal cycle starts.
Thermal protection
The STCC2540 device has an internal thermal sensing circuit which monitors the operating
temperature of the circuit. It disables the power switch operation if the die temperature
exceeds temperature threshold TSTOP, set at 150 °C. The switch turns on if the temperature
has cooled down by 20 °C.
Undervoltage lockout
The UVLO circuit disables the circuit until the input voltage reaches the UVLO turn-on
threshold. Built-in hysteresis prevents unwanted on/off cycling due to input voltage drop
during turn-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com