Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 24Page - STMicroelectronics STCC2540 Datasheet HTML 25Page - STMicroelectronics STCC2540 Datasheet HTML 26Page - STMicroelectronics STCC2540 Datasheet HTML 27Page - STMicroelectronics STCC2540 Datasheet HTML 28Page - STMicroelectronics STCC2540 Datasheet HTML 29Page - STMicroelectronics STCC2540 Datasheet HTML 30Page - STMicroelectronics STCC2540 Datasheet HTML 31Page - STMicroelectronics STCC2540 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
DocID024711 Rev 6
29/32
STCC2540
Package information
32
Figure 26. VFQFPN 16L 3 x 3 x 0.8 mm with exposed pad 1.7 footprint recommended
Table 6. VFQFPN 16L 3 x 3 x 0.8 mm with exposed pad 1.7 package mechanical
data(1), (2), (3), (4)
1. VFQFPN - standard for “thermally enhanced very thin fine pitch quad flat package no leads”.
2. The lead size is comprehensive of the thickness of the lead finishing material.
3. Dimensions do not include mold protrusion, not to exceed 0.15 mm.
4. Package outline exclusive of metal burr dimensions.
Symbol
Dimensions
Notes
Data book (mm)
Nom.
Min.
Max.
A
0.75
0.70
0.80
A1
0.02
0
0.05
A3
0.20
b
0.25
0.18
0.30
D
3
2.90
3.10
D2
1.70
1.50
1.80
E
3
2.90
3.10
E2
1.70
1.50
1.80
e
0.50
L
0.40
0.30
0.50
(5)
5. The value of “L”, a JEDEC norm, is min. 0.35 – max. 0.45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com