Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 1 Page - STMicroelectronics

  STCC2540 Datasheet HTML 1Page - STMicroelectronics STCC2540 Datasheet HTML 2Page - STMicroelectronics STCC2540 Datasheet HTML 3Page - STMicroelectronics STCC2540 Datasheet HTML 4Page - STMicroelectronics STCC2540 Datasheet HTML 5Page - STMicroelectronics STCC2540 Datasheet HTML 6Page - STMicroelectronics STCC2540 Datasheet HTML 7Page - STMicroelectronics STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
February 2014
DocID024711 Rev 6
1/32
STCC2540
USB charging controller with integrated power switch
Datasheet
- production data
Features
• Compliant with USB charging specifications
BC1.2, USB 2.0 and USB 3.0 standards
• Compliant with Chinese telecommunications
industry standard YD/T 1591-2009
• Compatible with proprietary charging mode
(Apple® 1 A / 2 A, BlackBerry®, Korean tablets)
• Wide bandwidth, low-loss USB 2.0 data switch
• Integrated VBUS power switch with low RON of
65 m
Ω
• Constant current mode overcurrent protection
• Soft-start to limit inrush current
• Adjustable current limit up to 2.8 A
• Short-circuit, thermal and undervoltage
protection
• Reverse voltage and reverse current protection
• Deglitched fault reporting output
• Supports remote wakeup in S3
• Charging indication output in DCP and CDP
modes
• Package: VFQFPN 16L 3 x 3 x 0.8 mm with
exposed pad
• Temperature range: -40 up to 85 °C
• UL and CB recognized components
(UL file number: E354278)
Applications
• USB ports / hubs
• Personal computers, all-in-one PCs
• Monitors
• Notebooks, ultrabooks
• Tablet PCs
• Universal wall charging adapters
Description
The STCC2540 device integrates, in one
package, a USB charger controller, a wide
bandwidth data switch, and a high current power
switch. The device emulates several profiles
compatible with the USB battery charging
standard, BC1.2, Chinese telecommunications
standard YD/T 1591-2009, and proprietary
charger modes.
The device asserts the charging flag in DCP
modes if the charging current is higher than the
threshold. In CDP mode, it asserts the charging
flag after the CDP negotiation if the charging
current is higher than the threshold.
After the current drops below the threshold, the
output is deasserted, allowing the host to turn off
the high power DC-DC converter and reduce
overall consumption in S4/S5 states, which is
critical when the host is battery supplied.
VFQFPN 16L 3 x 3 x 0.8 mm
www.st.com


Similar Part No. - STCC2540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC05-B STMICROELECTRONICS-STCC05-B Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC05-BD4 STMICROELECTRONICS-STCC05-BD4 Datasheet
226Kb / 13P
HOME APPLIANCE CONTROL CIRCUIT
05-Oct-2004
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
More results

Similar Description - STCC2540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
USB Charging Port Power Switch and Controller
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
USB Charging Port Controller and Power Switch
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
USB Charging Port Power Switch and Controller
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
USB Charging Port Power Switch and Controller
February 8, 2022
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
USB Charging Port Power Switch and Controller
8-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com