Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 4Page - STMicroelectronics STCC2540 Datasheet HTML 5Page - STMicroelectronics STCC2540 Datasheet HTML 6Page - STMicroelectronics STCC2540 Datasheet HTML 7Page - STMicroelectronics STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics STCC2540 Datasheet HTML 10Page - STMicroelectronics STCC2540 Datasheet HTML 11Page - STMicroelectronics STCC2540 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical characteristics
STCC2540
8/32
DocID024711 Rev 6
IOL(FAULT)
FAULT output leakage
current
VIN = 5.5 V, VFAULT = 5 V
1
µA
tFAULT
FAULT output deglitch delay
FAULT assertion / deassertion
delay in overcurrent condition
79
12
ms
VUVLO
Undervoltage lockout
VIN rising
3.9
4.1
4.3
V
VHYST(UVLO)
Undervoltage lockout
hysteresis
TJ = 25 °C
100
mV
Power switch - AC parameters(1)
tON
Turn on, EN to OUT delay
CLOAD = 1 µF, RLOAD = 100 Ω
0.8
ms
tOFF
Turn off, EN to OUT delay
0.3
tR
OUT (VBUS) rise time
CLOAD = 1 µF, RLOAD = 100 Ω
0.4
tF
OUT (VBUS) fall time
0.2
tIOS
Current limiter response
time to short-circuit
VIN = 5.5 V
3.5
µs
Output discharge
RDISCHARGE
Discharge resistor
140
200
300
Ω
High-speed data switch - DC parameters
RON
Data switch on-resistance
Switch closed, VIN = 5 V,
IS = 8 mA, test voltage on
DP_OUT, DM_OUT = 0.4 V
2.5
4
Ω
RON
Data switch on-resistance
Switch closed, VIN = 5 V,
IS = 8 mA, test voltage on
DP_OUT, DM_OUT = 3 V
2.7
4
IOFF
OFF state leakage current
VEN = 0 V, VDP/DM_IN = 3.6 V,
VDP/DM_OUT = 0 V, measure
IDP/DM_OUT
1.5
µA
High-speed data switch - AC parameters(1)
XTALK
DP, DM crosstalk
RTERM = 50 Ω, CLOAD = 5 pF,
VS = 1 Vrms, signal = 0 dBm,
f = 250 MHz
47
dB
OIRR
OFF state isolation
RTERM = 50 Ω, CLOAD = 5 pF,
VS = 1 Vrms, signal = 0 dBm,
f = 250 MHz
17
Bw
Bandwidth -3 dB
RTERM = 50 Ω, CLOAD = 5 pF,
signal = 0 dBm
1100
MHz
Charger emulator - BC1.2 DCP mode
RDCP_RES
DP_IN to DM_IN short
resistance
CTLx configured for DCP
BC1.2
100
170
Ω
Table 4. Electrical characteristics VIN = 4.5 to 5.5 V, -40 °C < TJ < 125 °C
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com