Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 13Page - STMicroelectronics STCC2540 Datasheet HTML 14Page - STMicroelectronics STCC2540 Datasheet HTML 15Page - STMicroelectronics STCC2540 Datasheet HTML 16Page - STMicroelectronics STCC2540 Datasheet HTML 17Page - STMicroelectronics STCC2540 Datasheet HTML 18Page - STMicroelectronics STCC2540 Datasheet HTML 19Page - STMicroelectronics STCC2540 Datasheet HTML 20Page - STMicroelectronics STCC2540 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DocID024711 Rev 6
17/32
STCC2540
Application information
32
5.8
Input and output capacitors
For proper functionality, the STCC2540 device requires two 1
μF decoupling ceramic
capacitors CIN and COUT (see Figure 4). These capacitors should be placed as close as
possible to the corresponding pins.
The electrolytic capacitor CVBUS (see Figure 4) is required by the USB specification to
suppress the voltage and current transients caused by hot plugging/unplugging the
peripheral devices. This capacitor should be placed as close as possible to the USB
connector. The recommended value is 150
μF, low ESR type is preferred.
If the VIN supply path is longer than approx. 150 mm, an additional capacitor is required and
should be connected in parallel with the CIN to suppress VIN overvoltage transients caused
by supply path inductance and fast current changes. The minimum value is 10
μF, and a low
ESR type is preferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com