Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC2540 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 21Page - STMicroelectronics STCC2540 Datasheet HTML 22Page - STMicroelectronics STCC2540 Datasheet HTML 23Page - STMicroelectronics STCC2540 Datasheet HTML 24Page - STMicroelectronics STCC2540 Datasheet HTML 25Page - STMicroelectronics STCC2540 Datasheet HTML 26Page - STMicroelectronics STCC2540 Datasheet HTML 27Page - STMicroelectronics STCC2540 Datasheet HTML 28Page - STMicroelectronics STCC2540 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID024711 Rev 6
25/32
STCC2540
Typical operating characteristics
32
Figure 20. Turn-on response (RILIM = 20 kΩ, RLOAD = 5 Ω, CLOAD = 150 µF)
Figure 21. Turn-off response (RLOAD = 5 Ω, CLOAD = 150 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com