Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 7Page - STMicroelectronics L6706 Datasheet HTML 8Page - STMicroelectronics L6706 Datasheet HTML 9Page - STMicroelectronics L6706 Datasheet HTML 10Page - STMicroelectronics L6706 Datasheet HTML 11Page - STMicroelectronics L6706 Datasheet HTML 12Page - STMicroelectronics L6706 Datasheet HTML 13Page - STMicroelectronics L6706 Datasheet HTML 14Page - STMicroelectronics L6706 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
L6706
Electrical specifications
Doc ID 15698 Rev 2
11/47
3.2
Electrical characteristics
VCC = 12 V ± 15%, TJ = 0 °C to 70 °C unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
UGATE and LGATE open;
VCC = VBOOT = 12 V
23
27
mA
ICCDR
VCCDR supply current
LGATE = OPEN, VCCDR = 12 V
5
7
mA
IBOOT
BOOT supply current
UGATE = OPEN, PHASE to PGND;
VCC = BOOT = 12 V
23
mA
Power-on
UVLOVCC
VCC turn-ON
VCC rising; VCCDR = VCC
3.7
4.0
V
VCC turn-OFF
VCC falling; VCCDR = VCC
3.3
3.5
V
Oscillator and inhibit
FOSC
Initial accuracy
OSC = OPEN
OSC = OPEN; TJ = 0 to 125 °C
180
175
200
200
220
225
kHz
kHz
TD1
SS delay time
1
1.5
ms
TD2
SS TD2 time
RSSOSC = 20 kΩ
500
μs
TD3
SS TD3 time
50
200
μs
OUTEN
Output enable
Rising thresholds voltage
0.80
0.85
0.90
V
Hysteresis
100
mV
Output pull-up current
OUTEN to SGND
10
μA
ΔVosc
Ramp amplitude
1.5
V
FAULT
Voltage at pin OSC/FAULT
OVP and UVP Active
3.3
V
Reference and DAC
KVID
Output voltage accuracy
VID = 1.000 V to VID = 1.600 V
FB = VOUT; FBG = GNDOUT
-0.5
-
0.5
%
VID = 0.800 V to VID = 1.000 V
FB = VOUT; FBG = GNDOUT
-5
-
+5
mV
VID = 0.500 V to VID = 0.800 V
FB = VOUT; FBG = GNDOUT
-8
-
+8
mV
VBOOT
Boot voltage
1.081
V
VIDIH
VID thresholds
Input low
0.35
V
VIDIL
Input high
0.8
V
Error amplifier
A0
EA DC gain
130
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com