Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 27Page - STMicroelectronics L6706 Datasheet HTML 28Page - STMicroelectronics L6706 Datasheet HTML 29Page - STMicroelectronics L6706 Datasheet HTML 30Page - STMicroelectronics L6706 Datasheet HTML 31Page - STMicroelectronics L6706 Datasheet HTML 32Page - STMicroelectronics L6706 Datasheet HTML 33Page - STMicroelectronics L6706 Datasheet HTML 34Page - STMicroelectronics L6706 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
L6706
Soft-start
Doc ID 15698 Rev 2
31/47
14
Soft-start
L6706 implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required to the input power supply. The device increases the reference from
zero up to the programmed value and the output voltage increases accordingly with closed
loop regulation.
The device implements soft-start only when all the power supplies are above their own turn-
on thresholds and the OUTEN pin is set free.
At the end of the digital soft-start, SS_END signal is set free.
Protections are active during soft-start: Under voltage is enabled when the reference voltage
reaches 0.6 V while over voltage is always enabled.
Figure 13.
Soft-start
Once L6706 receives all the correct supplies and enables, it initiates the soft-start phase
with a TD1 = 1.5 ms (typ) delay. After that, the reference ramps up to VBOOT = 1.081 V (1.100
V - 19 mV) in TD2 according to the SSOSC settings and waits for TD3 = 200 μsec (typ) during
which the device reads the VID lines. Output voltage will then ramps up to the programmed
value in TD4 with the same slope as before (See Figure 13).
SSOSC defines the frequency of an internal additional soft-start-oscillator used to step the
reference from zero up to the programmed value; this oscillator is independent from the
main oscillator whose frequency is programmed through the OSC pin.
The current flowing from SSOSC pin before the end of soft-start is used to program the
desiderated soft-start time (TSS).
After that the soft-start is finished the current flowing from SSOSC pin is used to program
the maximum LTB switching frequency (FLIMIT).
In the Figure 14 is shown the SSOSC connection in order to select both parameter (TSS and
FLIMIT) in independent way.
In particular, it allows to precisely programming the startup time up to VBOOT (TD2) since it is
a fixed voltage independent by the programmed VID. Total soft-start time dependence on
the programmed VID results (see Figure 15).
Note:
If during TD3 the programmed VID selects an output voltage lower than VBOOT, the output
voltage will ramp to the programmed voltage starting from VBOOT.
OUTEN
SS_END
VOUT
t
t
t
T
D1
T
D2
T
D3TD4
TSS
OVP
T
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com