Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 4 Page - STMicroelectronics

  L6706 Datasheet HTML 1Page - STMicroelectronics L6706 Datasheet HTML 2Page - STMicroelectronics L6706 Datasheet HTML 3Page - STMicroelectronics L6706 Datasheet HTML 4Page - STMicroelectronics L6706 Datasheet HTML 5Page - STMicroelectronics L6706 Datasheet HTML 6Page - STMicroelectronics L6706 Datasheet HTML 7Page - STMicroelectronics L6706 Datasheet HTML 8Page - STMicroelectronics L6706 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Principle application circuit and block diagram
L6706
4/47
Doc ID 15698 Rev 2
1
Principle application circuit and block diagram
1.1
Principle application circuit
Figure 1.
Principle application circuit (a)
a.
Refer to the application note for the reference schematic.
L1
40
39
38
BOOT
UGATE
PHASE
LGATE
36
CS-
18
CS+
17
Rg
HS1
LS1
SSEND
29
COUT
Vcc_core
LOAD
VID4
25
VID3
24
VID2
23
VID1
22
VID0
21
VID5
26
SGND
2
LIN
VIN = 12V
CIN
R
C
27
VID6
VID7
OUTEN
16
IMON
9
SS_END
VIN
RF
CF
CP
RLTB
CLTB
20
L6706 REF.SCH
CIMON
ROUT
VCC
3
VCCDR
35
GNDIN
5VSB
Optional:Pre-OVP
Vcc
OVPSEL
12
OCSET
13
OSC/FAULT
14
LTBGAIN
10
RLTBGAIN
ROCSET
ROVP
ROSC_SGND
RSS_FLIM
SSOSC/FLIMIT
15
OFFSET
11
ROFFSET
GND_core
RFB1
RFB2
RFB3
NTC
RFB
To Enable circuitry
1k
VTT
R1
R2
R3
NTC
RIMON_OS
+3V3
RIMON_TOT
220nF
EXPAD
ROSC_VCC
To Vcc
RFLIMT
10k
RSSOSC
D
Q
Optional:
See DS
41
LTB
Ri
Ci
COMP
FB
VSEN
FBG
8
4
5
6
7
+3V3
INT1
INT3
31
19
PGND
37
DGND
1
INT2 28
INT4
33
+12V
Optional:
See DS
Optional:
See DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com