Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6706 Datasheet HTML 14Page - STMicroelectronics L6706 Datasheet HTML 15Page - STMicroelectronics L6706 Datasheet HTML 16Page - STMicroelectronics L6706 Datasheet HTML 17Page - STMicroelectronics L6706 Datasheet HTML 18Page - STMicroelectronics L6706 Datasheet HTML 19Page - STMicroelectronics L6706 Datasheet HTML 20Page - STMicroelectronics L6706 Datasheet HTML 21Page - STMicroelectronics L6706 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
DAC and current reading
L6706
18/47
Doc ID 15698 Rev 2
causing instability. In addition, it is also important for the load transient response and to let
the system show resistive equivalent output impedance), it results:
Where IINFO is the current information reproduced internally.
The Rg trans-conductance resistor has to be selected using the following formula, in order
to guarantee the correct functionality of internal current reading circuitry:
Where IOUT
MAX is the maximum output current, DCRMAX the maximum inductor DCR.
L
DCR
-------------
RC
I
CS-
DCR
Rg
------------- I
PHASE
⋅
=
⇒
⋅
I
INFO
I
INFO
DCR
Rg
------------- I
PHASE
⋅
=
⇒
==
Rg
DCR
MAX
20
μA
------------------------ I
OUTMAX
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com