Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6706 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6706
Description  High output voltage accuracy
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6706 Datasheet(HTML) 5 Page - STMicroelectronics

  L6706 Datasheet HTML 1Page - STMicroelectronics L6706 Datasheet HTML 2Page - STMicroelectronics L6706 Datasheet HTML 3Page - STMicroelectronics L6706 Datasheet HTML 4Page - STMicroelectronics L6706 Datasheet HTML 5Page - STMicroelectronics L6706 Datasheet HTML 6Page - STMicroelectronics L6706 Datasheet HTML 7Page - STMicroelectronics L6706 Datasheet HTML 8Page - STMicroelectronics L6706 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
L6706
Principle application circuit and block diagram
Doc ID 15698 Rev 2
5/47
1.2
Block diagram
Figure 2.
Block diagram
LOGIC PWM
ADAPTIVE ANTI
CROSS CONDUCTION
CH CURRENT
READING
L6706
CONTROL LOGIC
AND PROTECTIONS
PWM
VCC
DIGITAL
SOFT START
CS-
CS+
20uA
OUTEN
OSC / FAULT
VID0
VID1
VID2
VID3
VID4
VID5
VID6
OVP
COMPARATOR
+175mV
1.800V / OVP
ERROR
AMPLIFIER
GND DROP
RECOVERY
DELIVERED CURRENT
OVPSEL
SSOSC/
FLIMT
VID7
VREF
I
OCSET
+.1240V
PWM1
+.1240V
+.1240V
LTBGAIN
10uA
OCSET
OVP
VCCDR
OUTEN
SSOSC
SSEND
I
DROOP
IMON
OCSET
INFO
INFO
LTB
LTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com